Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 3 Page - Analog Devices

  AD8352 Datasheet HTML 1Page - Analog Devices AD8352 Datasheet HTML 2Page - Analog Devices AD8352 Datasheet HTML 3Page - Analog Devices AD8352 Datasheet HTML 4Page - Analog Devices AD8352 Datasheet HTML 5Page - Analog Devices AD8352 Datasheet HTML 6Page - Analog Devices AD8352 Datasheet HTML 7Page - Analog Devices AD8352 Datasheet HTML 8Page - Analog Devices AD8352 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8352
Rev. A | Page 3 of 20
SPECIFICATIONS
VS = 5 V, RL = 200 Ω differential, RG = 118 Ω (AV = 10 dB), f = 100 MHz, T = 25°C; parameters specified differentially (in/out), unless
otherwise noted. CD and RD are selected for differential broadband operation (see Table 5 and Table 6).
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
AV = 6 dB, VOUT ≤ 1.0 V p-p
2500
MHz
AV = 10 dB, VOUT ≤ 1.0 V p-p
2200
MHz
AV = 14 dB, VOUT ≤ 1.0 V p-p
1800
MHz
Bandwidth for 0.1 dB Flatness
3 dB ≤ AV ≤ 20 dB, VOUT ≤ 1.0 V p-p
190
MHz
Bandwidth for 0.2 dB Flatness
3 dB ≤ AV ≤ 20 dB, VOUT ≤ 1.0 V p-p
300
MHz
Gain Accuracy
Using 1% resistor for RG, 0 dB ≤ AV ≤ 20 dB
±1
dB
Gain Supply Sensitivity
VS ± 5%
0.06
dB/V
Gain Temperature Sensitivity
−40°C to +85°C
4
mdB/°C
Slew Rate
RL = 1 kΩ, VOUT = 2 V step
9
V/ns
RL = 200 Ω, VOUT = 2 V step
8
V/ns
Settling Time
2 V step to 1%
<2
ns
Overdrive Recovery Time
VIN = 4 V to 0 V step, VOUT ≤ ±10 mV
<3
ns
Reverse Isolation (S12)
−80
dB
INPUT/OUTPUT CHARACTERISTICS
Common-Mode Nominal
VCC/2
V
Voltage Adjustment Range
1.2 to 3.8
V
Maximum Output Voltage Swing
1 dB compressed
6
V p-p
Output Common-Mode Offset
Referenced to VCC/2
−100
+20
mV
Output Common-Mode Drift
−40°C to +85°C
0.25
mV/°C
Output Differential Offset Voltage
−20
+20
mV
CMRR
57
dB
Output Differential Offset Drift
−40°C to +85°C
0.15
mV/°C
Input Bias Current
±5
μA
Input Resistance
3
kΩ
Input Capacitance (Single-Ended)
0.9
pF
Output Resistance
100
Ω
Output Capacitance
3
pF
POWER INTERFACE
Supply Voltage
3
5
5.5
V
ENB Threshold
1.5
V
ENB Input Bias Current
ENB at 3 V
75
nA
ENB at 0.6 V
−125
μA
Quiescent Current
ENB at 3 V
35
37
39
mA
ENB at 0.6 V
5.3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com