Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8352 Datasheet HTML 11Page - Analog Devices AD8352 Datasheet HTML 12Page - Analog Devices AD8352 Datasheet HTML 13Page - Analog Devices AD8352 Datasheet HTML 14Page - Analog Devices AD8352 Datasheet HTML 15Page - Analog Devices AD8352 Datasheet HTML 16Page - Analog Devices AD8352 Datasheet HTML 17Page - Analog Devices AD8352 Datasheet HTML 18Page - Analog Devices AD8352 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8352
Rev. A | Page 15 of 20
0
–150
0
FREQUENCY (MHz)
52.50
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
5.25 10.50 15.75 21.00 26.25 31.50 36.75 42.00 47.25
SNR = 67.26dBc
SFDR = 83.18dBc
NOISE FLOOR = –110.5dB
FUND = –1.074dBFS
SECOND = –83.14dBc
THIRD = –85.39dBc
Figure 36. Single Tone Distortion AD8352 Driving
AD9445,
Encode Clock @ 105 MHz with Fc @ 100 MHz (AV = 10 dB), See Figure 34
FREQUENCY (MHz)
0
–150
0
52.50
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
5.25 10.50 15.75 21.00 26.25 31.50 36.75 42.00 47.25
SNR = 61.98dBc
NOISE FLOOR = –111.2dB
FUND1 = –7.072dBFS
FUND2 = –7.043dBFS
IMD (2F2-F1) = –89dBc
IMD (2F1-F2) = –88dBc
Figure 37. Two Tone Distortion AD8352 Driving
AD9445,
Encode Clock @ 105 MHz with Fc @ 100 MHz (AV = 10 dB),
Analog In = 98 MHz and 101 MHz, See Figure 34
LAYOUT AND TRANSMISSION LINE EFFECTS
High Q inductive drives and loads, as well as stray transmission
line capacitance in combination with package parasitics, can
potentially form a resonant circuit at high frequencies resulting
in excessive gain peaking or possible oscillation. If RF transmis-
sion lines connecting the input or output are used, they should
be designed such that stray capacitance at the I/O pins is
minimized. In many board designs, the signal trace widths
should be minimal where the driver/receiver is less than one-
eighth of the wavelength from the AD8352. This nontransmission
line configuration requires that underlying and adjacent ground
and low impedance planes be far removed from the signal lines.
In a similar fashion, stray capacitance should be minimized
near the RG, CD, and RD components and associated traces. This
also requires not placing low impedance planes near these
components. Refer to the evaluation board layout (Figure 39
and Figure 40) for more information. Excessive stray capacitance
at these nodes results in unwanted high frequency distortion.
The 0.1 μF supply decoupling capacitors need to be close to the
amplifier. This includes Signal Capacitor C2 through Signal
Capacitor C5.
Parasitic suppressing resistors (R5, R6, R7, and R11) can be
used at the device I/O pins. Use 25 Ω series resistors (Size 0402)
to adequately de-Q the input and output system from most
parasitics without a significant decrease in gain. In general, if
proper board layout techniques are used, the suppression
resistors are not necessarily required. Output Parasitic Suppression
Resistor R7 and Output Parasitic Suppression Resistor R11 can
be required for driving some switch cap ADCs. These suppressors,
with Input C of the converter (and possibly added External
Shunt C), help provide charge kickback isolation and improve
overall distortion at high encode rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com