Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8352 Datasheet HTML 10Page - Analog Devices AD8352 Datasheet HTML 11Page - Analog Devices AD8352 Datasheet HTML 12Page - Analog Devices AD8352 Datasheet HTML 13Page - Analog Devices AD8352 Datasheet HTML 14Page - Analog Devices AD8352 Datasheet HTML 15Page - Analog Devices AD8352 Datasheet HTML 16Page - Analog Devices AD8352 Datasheet HTML 17Page - Analog Devices AD8352 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8352
Rev. A | Page 14 of 20
6.0
0
30
190
FREQUENCY (MHz)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
50
70
90
110
130
150
170
RL = 200Ω
RD = 4.3kΩ
6dB
10dB
15dB
18dB
AV =
Figure 33. Narrow-Band CD vs. Frequency for Various Gain Settings
HIGH PERFORMANCE ADC DRIVING
The AD8352 provides the gain, isolation, and balanced low
distortion output levels for efficiently driving wideband ADCs
such as the AD9445.
Figure 34 and Figure 35 (single and differential input drive)
illustrate the typical front-end circuit interface for the AD8352
differentially driving the AD9445 14-bit ADC at 105 MSPS. The
AD8352, when used in the single-ended configuration, shows
little or no degradation in overall third-order harmonic per-
formance (vs. differential drive). See the Single-Ended Input
Operation section. The 100 MHz FFT plots shown in Figure 36
and Figure 37 display the results for the differential configuration.
Though not shown, the single-ended, third-order levels are similar.
The 50 Ω resistor shown in Figure 34 provides a 50 Ω differential
input impedance to the source for matching considerations.
When the driver is less than one eighth of the wavelength from
the AD8352, impedance matching is not required thereby
negating the need for this termination resistor. The output 24 Ω
resistors provide isolation from the analog-to-digital input.
Refer to the Layout and Transmission Line Effects section for
more information. The circuit in Figure 35 represents a single-
ended input to differential output configuration for driving the
AD9445. In this case, the input 50 Ω resistor with RN (typically
200 Ω) provide the input impedance match for a 50 Ω system.
Again, if input reflections are minimal, this impedance match is
not required. A fixed 200 Ω resistor (RN) is required to balance
the output voltages that are required for second-order distortion
cancellation. RG is the gain setting resistor for the AD8352 with
the RD and CD components providing distortion cancellation.
The AD9445 presents approximately 2 kΩ in parallel with
5 pF/differential load to the AD8352 and requires a 2.0 V p-p
differential signal (VREF = 1 V) between VIN+ and VIN− for a
full-scale output operation.
These AD8352 simplified circuits provide the gain, isolation,
and distortion performance necessary for efficiently driving
high linearity converters such as the AD9445. This device also
provides balanced outputs whether driven differentially or
single-ended, thereby maintaining excellent second-order
distortion levels. However, at frequencies above approximately
100 MHz, due to phase related errors, single-ended, second-
order distortion is relatively higher. The output of the amplifier
is ac-coupled to allow for an optimum common-mode setting at
the ADC input. Input ac coupling can be required if the source
also requires a common-mode voltage that is outside the opti-
mum range of the AD8352. A VCM common-mode pin is
provided on the AD8352 that equally shifts both input and
output common-mode levels. Increasing the gain of the AD8352
increases the system noise and, thus, decreases the SNR (3.5 dB
at 100 MHz input for Av = 10 dB) of the AD9445 when no
filtering is used. Note that amplifier gains from 3 dB to 18 dB,
with proper selection of CD and RD, do not appreciably affect
distortion levels. These circuits, when configured properly, can
result in SFDR performance of better than 87 dBc at 70 MHz
and 82 dBc at 180 MHz input. Single-ended drive, with appropriate
CD and RD, give similar results for SFDR and third-order
intermodulation levels shown in these figures.
Placing antialiasing filters between the ADC and the amplifier
is a common approach for improving overall noise and broadband
distortion performance for both band-pass and low-pass appli-
cations. For high frequency filtering, matching to the filter is
required. The AD8352 maintains a 100 Ω output impedance
well beyond most applications and is well-suited to drive most
filter configurations with little or no degradation in distortion.
AD8352
50Ω
0Ω
0Ω
CD
RD
RG
0.1µF
0.1µF
0.1µF
0.1µF
16
1
2
3
4
5
24Ω
0.1µF
10
24Ω
0.1µF
11
8, 13
14
VCC
AD9445
IF/RF INPUT
ADT1-1WT
Figure 34. Differential Input to the AD8352 Driving the AD9445
RD RG
25Ω
50Ω
50Ω
AD8352
CD
33Ω
33Ω
0.1µF
0.1µF
0.1µF
0.1µF
AC
VIP
VIN
VOP
VON
RN
200Ω
AD9445
VIN+
VIN–
Figure 35. Single-Ended Input to the AD8352 Driving the AD9445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com