Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8352 Datasheet HTML 8Page - Analog Devices AD8352 Datasheet HTML 9Page - Analog Devices AD8352 Datasheet HTML 10Page - Analog Devices AD8352 Datasheet HTML 11Page - Analog Devices AD8352 Datasheet HTML 12Page - Analog Devices AD8352 Datasheet HTML 13Page - Analog Devices AD8352 Datasheet HTML 14Page - Analog Devices AD8352 Datasheet HTML 15Page - Analog Devices AD8352 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8352
Rev. A | Page 12 of 20
20
0
0
800
RG (Ω)
18
16
14
12
10
8
6
4
2
100
200
300
400
500
600
700
Figure 24. Gain vs. RG, RL = 1 kΩ
20
0
00.5
CD (pF)
18
16
14
12
10
8
6
4
2
0.1
0.2
0.3
0.4
Figure 25. Gain vs. CD, RL = 1 kΩ
SINGLE-ENDED INPUT OPERATION
The AD8352 can be configured as a single-ended to differential
amplifier as shown in Figure 26. To balance the outputs when
driving only the VIP input, an external resistor (RN) of 200 Ω is
added between VIP and RGN. See Equation 2 to determine the
single-ended input gain (AVSingle-ended) for a given RG or RL.
30
430
)
53
(
)
5
(
500
+
+
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
+
+
+
=
−
L
L
L
L
G
G
ended
VSingle
R
R
R
R
R
R
A
(2)
where:
RL = single-ended load.
RG = gain setting resistor.
Figure 27 plots gain vs. RG for 200 Ω and 1 kΩ loads. Table 7
and Table 8 show the values of CD and RD required (for 180 MHz
broadband, third-order, single tone optimization) for 200 Ω and
1 kΩ loads, respectively. This single-ended configuration provides
−3 dB bandwidths similar to input differential drive. Figure 28
through Figure 30 show distortion levels at a gain of 12 dB for
both 200 Ω and 1 kΩ loads. Gains from 3 dB to 18 dB, using
optimized CD and RD values, obtain similar distortion levels.
RD
RG
25Ω
65Ω
50Ω
0.1µF
0.1µF
0.1µF
0.1µF
RGP
RGN
AD8352
AC
CD
VIP
RN
200Ω
Figure 26. Single-Ended Schematic
40
0
1
10k
RG (Ω)
10
100
1k
35
30
25
20
15
10
5
GAIN, RL =1kΩ
GAIN, RL =200Ω
Figure 27. Gain vs. RG
–60
–110
FREQUENCY (MHz)
10
70
140
190
240
2NDS, 2V p-p OUT
–70
–80
–90
–100
2NDS, 1V p-p OUT
Figure 28. Single-Ended,
Second-Order Harmonic Distortion, 200 Ω Load
This broadband optimization was also performed at 180 MHz.
As with differential input drive, the resulting distortion levels
at lower frequencies are based on the CD and RD specified in
Table 7 and Table 8. As with differential input drive, relative
third-order reduction improvement at frequencies below
140 MHz are realized with proper selection of CD and RD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com