Electronic Components Datasheet Search
  English  ▼

X  

AT32AP7002 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT32AP7002
Description  32-bit Microcontroller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT32AP7002 Datasheet HTML 24Page - ATMEL Corporation AT32AP7002 Datasheet HTML 25Page - ATMEL Corporation AT32AP7002 Datasheet HTML 26Page - ATMEL Corporation AT32AP7002 Datasheet HTML 27Page - ATMEL Corporation AT32AP7002 Datasheet HTML 28Page - ATMEL Corporation AT32AP7002 Datasheet HTML 29Page - ATMEL Corporation AT32AP7002 Datasheet HTML 30Page - ATMEL Corporation AT32AP7002 Datasheet HTML 31Page - ATMEL Corporation AT32AP7002 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
28
32054AS–AVR32–02/07
AT32AP7002
7.7.5
IO Pins Without Multiplexing
Many of the external EBI pins are not controlled by the PIO modules, but directly driven by the
EBI. These pins have programmable pullup resistors. These resistors are controlled by Special
Function Register 4 (SFR4) in the HMATRIX. The pullup on the lines multiplexed with PIO is
controlled by the appropriate PIO control register.
This SFR can also control CompactFlash, SmartMedia or NandFlash Support, see the EBI chap-
ter for details
7.7.5.1
HMatrix SFR4 EBI Control Register
Name:
HMATRIX_SFR4
Access Type:
Read/Write
• CS1A: Chip Select 1 Assignment
0 = Chip Select 1 is assigned to the Static Memory Controller.
1 = Chip Select 1 is assigned to the SDRAM Controller.
• CS3A: Chip Select 3 Assignment
0 = Chip Select 3 is only assigned to the Static Memory Controller and NCS3 behaves as
defined by the SMC.
1 = Chip Select 3 is assigned to the Static Memory Controller and the NAND Flash/SmartMedia
Logic is activated.
• CS4A: Chip Select 4 Assignment
0 = Chip Select 4 is assigned to the Static Memory Controller and NCS4, NCS5 and NCS6
behave as defined by the SMC.
1 = Chip Select 4 is assigned to the Static Memory Controller and the CompactFlash Logic is
activated.
• CS5A: Chip Select 5 Assignment
0 = Chip Select 5 is assigned to the Static Memory Controller and NCS4, NCS5 and NCS6
behave as defined by the SMC.
1 = Chip Select 5 is assigned to the Static Memory Controller and the CompactFlash Logic is
activated.
31
30
29
28
27
26
25
24
––––––––
23
22
21
20
19
18
17
16
––––––––
15
14
13
12
11
10
9
8
–––––––
EBI_DBPUC
76543210
–
–
EBI_CS5A
EBI_CS4A
EBI_CS3A
–
EBI_CS1A
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com