Electronic Components Datasheet Search
  English  ▼

X  

AT32AP7002 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT32AP7002
Description  32-bit Microcontroller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT32AP7002 Datasheet HTML 33Page - ATMEL Corporation AT32AP7002 Datasheet HTML 34Page - ATMEL Corporation AT32AP7002 Datasheet HTML 35Page - ATMEL Corporation AT32AP7002 Datasheet HTML 36Page - ATMEL Corporation AT32AP7002 Datasheet HTML 37Page - ATMEL Corporation AT32AP7002 Datasheet HTML 38Page - ATMEL Corporation AT32AP7002 Datasheet HTML 39Page - ATMEL Corporation AT32AP7002 Datasheet HTML 40Page - ATMEL Corporation AT32AP7002 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
37
32054AS–AVR32–02/07
AT32AP7002
8.
Boot Sequence
This chapter summarizes the boot sequence of the AT32AP7002. The behaviour after power-up
is controlled by the Power Manager.
8.1
Starting of clocks
After power-up, the device will be held in a reset state by the Power-On Reset circuitry, until the
power has stabilized throughout the device. Once the power has stabilized, the device will use
the XIN0 pin as clock source. XIN0 can be connected either to an external clock, or a crystal.
The OSCEN_N pin is connected either to VDD or GND to inform the Power Manager on how the
XIN0 pin is connected. If XIN0 receives a signal from a crystal, dedicated circuitry in the Power
Manager keeps the part in a reset state until the oscillator connected to XIN0 has settled. If XIN0
receives an external clock, no such settling delay is applied.
On system start-up, the PLLs are disabled. All clocks to all modules are running. No clocks have
a divided frequency, all parts of the system recieves a clock with the same frequency as the
XIN0 clock.
8.2
Fetching of initial instructions
After reset has been released, the AVR32AP CPU starts fetching instructions from the reset
address, which is 0xA000_0000. This address lies in the P2 segment, which is non-translated,
non-cacheable, and permanently mapped to the physical address range 0x0000_0000 to
0x2000_0000. This means that the instruction being fetched from virtual address 0xA000_0000
is being fetched from physical address 0x0000_0000. Physical address 0x0000_0000 is
mapped to EBI SRAM CS0. This is the external memory the device boots from.
The code read from the SRAM CS0 memory is free to configure the system to use for example
the PLLs, to divide the frequency of the clock routed to some of the peripherals, and to gate the
clocks to unused peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com