Electronic Components Datasheet Search
  English  ▼

X  

AT32AP7002 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT32AP7002
Description  32-bit Microcontroller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT32AP7002 Datasheet HTML 35Page - ATMEL Corporation AT32AP7002 Datasheet HTML 36Page - ATMEL Corporation AT32AP7002 Datasheet HTML 37Page - ATMEL Corporation AT32AP7002 Datasheet HTML 38Page - ATMEL Corporation AT32AP7002 Datasheet HTML 39Page - ATMEL Corporation AT32AP7002 Datasheet HTML 40Page - ATMEL Corporation AT32AP7002 Datasheet HTML 41Page - ATMEL Corporation AT32AP7002 Datasheet HTML 42Page - ATMEL Corporation AT32AP7002 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
39
32054AS–AVR32–02/07
AT32AP7002
10. Errata
10.1
Rev. C
1.
SPI FDIV option does not work
Selecting clock signal using FDIV = 1 does not work as specified.
Fix/Workaround
Do not set FDIV = 1.
2.
SPI Chip Select 0 BITS field overrides other Chip Selects
The BITS field for Chip Select 0 overrides BITS fields for other Chip selects.
Fix/Workaround
Update Chip Select 0 BITS field to the relevant settings before transmitting with Chip Selects
other than 0.
3.
SPI LASTXFER may be overwritten
When Peripheral Select (PS) = 0, the LASTXFER-bit in the Transmit Data Register (TDR)
should be internally discared. This fails and may cause problems during DMA transfers.
Transmitting data using the PDC when PS=0, the size of the transferred data is 8- or 16-bits.
The upper 16 bits of the TDR will be written to a random value. If Chip Select Active After
Transfer (CSAAT) = 1, the behavior of the Chip Select will be unpredictable.
Fix/Workaround
- Do not use CSAAT = 1 if PS = 0
- Use GPIO to control Chip Select lines
- Select PS=1 and store data for PCS and LASTXFER for each data in transmit buffer.
4.
SPI LASTXFER overrides Chip Select
The LASTXFER bit overrides Chip Select input when PS = 0 and CSAAT is used.
Fix/Workaround
- Do not use the CSAAT
- Use GPIO as Chip Select input
- Select PS = 1. Transfer 32-bit with correct LASTXFER settings.
5.
MMC data drite operation with less than 12 bytes is impossible.
The Data Write operation with a number of bytes less than 12 is impossible
Fix/Workaround
The PDC counters must always be equal to 12 bytes for data transfers lower than 12 bytes.
The BLKLEN or BCNT field are used to specify the real count number.
6.
MMC SDIO interrupt only works for slot A
If 1-bit data bus width and on other slots than slot A, the SDIO interrupt can not be cap-
tured.
Fix/Workaround
Use slot A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com