Electronic Components Datasheet Search
  English  ▼

X  

AT25128 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT25128
Description  SPI Serial EEPROMs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT25128 Datasheet HTML 10Page - ATMEL Corporation AT25128 Datasheet HTML 11Page - ATMEL Corporation AT25128 Datasheet HTML 12Page - ATMEL Corporation AT25128 Datasheet HTML 13Page - ATMEL Corporation AT25128 Datasheet HTML 14Page - ATMEL Corporation AT25128 Datasheet HTML 15Page - ATMEL Corporation AT25128 Datasheet HTML 16Page - ATMEL Corporation AT25128 Datasheet HTML 17Page - ATMEL Corporation AT25128 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
AT25128/256
0872O–SEEPR–03/05
Notes:
1. This device is not recommended for new designs. Please refer to AT25256A.
2. For 2.7V devices used in the 4.5V to 5.5V range, please refer to performance values in the AC and DC Characteristics
tables.
AT25256
(1) Ordering Information
Ordering Code(2)
Package
Operation Range
AT25256-10PI-2.7
AT25256W-10SI-2.7
AT25256-10CI-2.7
AT25256T2-10TI-2.7
8P3
8S2
8CN3
20A2
Industrial Temperature
(–40
°C to 85°C)
AT25256-10PI-1.8
AT25256W-10SI-1.8
AT25256-10CI-1.8
AT25256T2-10TI-1.8
8P3
8S2
8CN3
20A2
Industrial Temperature
(–40
°C to 85°C)
AT25256W-10SJ-2.7
AT25256W-10SJ-1.8
8S2
8S2
Lead-Free/Industrial Temperature
(–40
°C to 85°C)
AT25256W-10SE-2.7
8S2
High Grade/Extended Temperature
(–40
°C to 125°C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual In-line Package (PDIP)
8S2
8-lead, 0.200" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
8CN3
8-lead, 0.230" Wide, Leadless Array Package (LAP)
20A2
20-lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP)
Options
–2.7
Low-voltage (2.7V to 5.5V)
–1.8
Low-voltage (1.8V to 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com