Electronic Components Datasheet Search
  English  ▼

X  

AT25128 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT25128
Description  SPI Serial EEPROMs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT25128 Datasheet HTML 14Page - ATMEL Corporation AT25128 Datasheet HTML 15Page - ATMEL Corporation AT25128 Datasheet HTML 16Page - ATMEL Corporation AT25128 Datasheet HTML 17Page - ATMEL Corporation AT25128 Datasheet HTML 18Page - ATMEL Corporation AT25128 Datasheet HTML 19Page - ATMEL Corporation AT25128 Datasheet HTML 20Page - ATMEL Corporation AT25128 Datasheet HTML 21Page - ATMEL Corporation AT25128 Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
AT25128/256
0872O–SEEPR–03/05
8CN3 – LAP
1150 E.Cheyenne Mtn Blvd.
Colorado Springs, CO 80906
TITLE
DRAWING NO.
R
REV.
8CN3, 8-lead, (6 x 5 x 1.04 mm Body), Lead Pitch 1.27 mm,
Leadless Array Package (LAP)
B
8CN3
11/8/04
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.94
1.04
1.14
A1
0.30
0.34
0.38
b
0.36
0.41
0.46
Note 1
D
5.89
5.99
6.09
E
4.83
4.93
5.03
e
1.27 BSC
e1
0.56 REF
L
0.62
0.67
0.72
Note 1
L1
0.92
0.97
1.02
Note 1
Note:
1. Metal Pad Dimensions.
2. All exposed metal area shall have the following finished platings.
Ni: 0.0005 to 0.015 mm
Au: 0.0005 to 0.001 mm
Pin1 Corner
Marked Pin1 Indentifier
0.10 mm
TYP
4
3
2
1
5
6
7
8
Top View
L
b
e
L1
e1
Side View
A1
A
Bottom View
E
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com