Electronic Components Datasheet Search
  English  ▼

X  

AT25128 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT25128
Description  SPI Serial EEPROMs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT25128 Datasheet HTML 1Page - ATMEL Corporation AT25128 Datasheet HTML 2Page - ATMEL Corporation AT25128 Datasheet HTML 3Page - ATMEL Corporation AT25128 Datasheet HTML 4Page - ATMEL Corporation AT25128 Datasheet HTML 5Page - ATMEL Corporation AT25128 Datasheet HTML 6Page - ATMEL Corporation AT25128 Datasheet HTML 7Page - ATMEL Corporation AT25128 Datasheet HTML 8Page - ATMEL Corporation AT25128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
AT25128/256
0872O–SEEPR–03/05
Note:
1. This parameter is characterized and is not 100% tested. Contact Atmel for further information.
Serial Interface
Description
MASTER:
The device that generates the serial clock.
SLAVE:
Because the serial clock pin (SCK) is always an input, the AT25128/256
always operates as a slave.
TRANSMITTER/RECEIVER: The AT25128/256 has separate pins designated for data
transmission (SO) and reception (SI).
MSB:
The Most Significant Bit (MSB) is the first bit transmitted and received.
SERIAL OP-CODE:
After the device is selected with CS going low, the first byte will
be received. This byte contains the op-code that defines the operations to be performed.
INVALID OP-CODE:
If an invalid op-code is received, no data will be shifted into the
AT25128/256, and the serial output pin (SO) will remain in a high impedance state until
the falling edge of CS is detected again. This will reinitialize the serial communication.
CHIP SELECT: The AT25128/256 is selected when the CS pin is low. When the device
is not selected, data will not be accepted via the SI pin, and the serial output pin (SO)
will remain in a high impedance state.
HOLD: The HOLD pin is used in conjunction with the CS pin to select the AT25128/256.
When the device is selected and a serial sequence is underway, HOLD can be used to
pause the serial communication with the master device without resetting the serial
sequence. To pause, the HOLD pin must be brought low while the SCK pin is low. To
resume serial communication, the HOLD pin is brought high while the SCK pin is low
(SCK may still toggle during HOLD). Inputs to the SI pin will be ignored while the SO pin
is in the high impedance state.
WRITE PROTECT: The write protect pin (WP) will allow normal read/write operations
when held high. When the WP pin is brought low and WPEN bit is “1”, all write opera-
tions to the status register are inhibited. WP going low while CS is still low will interrupt a
write to the status register. If the internal write cycle has already been initiated, WP
going low will have no effect on any write operation to the status register. The WP pin
function is blocked when the WPEN bit in the status register is “0”. This will allow the
user to install the AT25128/256 in a system with the WP pin tied to ground and still be
able to write to the status register. All WP pin functions are enabled when the WPEN bit
is set to “1”.
tHZ
Hold to Output High Z
4.5 – 5.5
2.7 – 5.5
1.8 – 5.5
100
200
300
ns
tDIS
Output Disable Time
4.5 – 5.5
2.7 – 5.5
1.8 – 5.5
200
250
1000
ns
tWC
Write Cycle Time
4.5 – 5.5
2.7 – 5.5
1.8 – 5.5
5
10
10
ms
Endurance(1)
5.0V, 25
°C, Page Mode
100K
Write Cycles
Table 4. AC Characteristics (Continued)
Applicable over recommended operating range from T
AI = –40°C to + 85°C, TAE = –40°C to +125°C, VCC = As Specified,
CL = 1 TTL Gate and 100 pF (unless otherwise noted)
Symbol
Parameter
Voltage
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com