Electronic Components Datasheet Search
  English  ▼

X  

AT25128 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT25128
Description  SPI Serial EEPROMs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25128 Datasheet HTML 1Page - ATMEL Corporation AT25128 Datasheet HTML 2Page - ATMEL Corporation AT25128 Datasheet HTML 3Page - ATMEL Corporation AT25128 Datasheet HTML 4Page - ATMEL Corporation AT25128 Datasheet HTML 5Page - ATMEL Corporation AT25128 Datasheet HTML 6Page - ATMEL Corporation AT25128 Datasheet HTML 7Page - ATMEL Corporation AT25128 Datasheet HTML 8Page - ATMEL Corporation AT25128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
AT25128/256
0872O–SEEPR–03/05
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. V
IL and VIH max are reference only and are not tested.
Table 2. Pin Capacitance
(1)
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted)
Symbol
Test Conditions
Max
Units
Conditions
C
OUT
Output Capacitance (SO)
8
pF
V
OUT = 0V
C
IN
Input Capacitance (CS, SCK, SI, WP, HOLD)6
pF
V
IN = 0V
Table 3. DC Characteristics
Applicable over recommended operating range from T
AI = –40°C to +85°C, VCC = +1.8V to +5.5V,
T
AE = –40°C to +125°C, VCC = +1.8V to +5.5V(unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.8
5.5
V
VCC2
Supply Voltage
2.7
5.5
V
V
CC3
Supply Voltage
4.5
5.5
V
ICC1
Supply Current
VCC = 5.0V at 1 MHz, SO = Open, Read
2.0
3.0
mA
ICC2
Supply Current
VCC = 5.0V at 2 MHz,
SO = Open, Read, Write
3.0
5.0
mA
ISB1
Standby Current
VCC = 1.8V, CS = VCC
0.1
2.0
µA
ISB2
Standby Current
VCC = 2.7V, CS = VCC
0.2
2.0
µA
I
SB3
Standby Current
V
CC = 5.0V, CS = VCC
2.0
5.0
µA
IIL
Input Leakage
VIN = 0V to VCC
–3.0
3.0
µA
I
OL
Output Leakage
V
IN = 0V to VCC, TAC = 0°C to 70°C
–3.0
3.0
µA
V
IL
(1)
Input Low-voltage
–1.0
V
CC x 0.3
V
VIH
(1)
Input High-voltage
VCC x 0.7
VCC + 0.5
V
V
OL1
Output Low-voltage
4.5
≤ V
CC ≤ 5.5V
I
OL = 3.0 mA
0.4
V
V
OH1
Output High-voltage
I
OH = –1.6 mA
V
CC - 0.8
V
VOL2
Output Low-voltage
1.8V
≤ V
CC ≤ 3.6V
IOL = 0.15 mA
0.2
V
V
OH2
Output High-voltage
I
OH = –100 µA
V
CC - 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com