Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA351
Description  INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA351 Datasheet HTML 3Page - Texas Instruments INA351 Datasheet HTML 4Page - Texas Instruments INA351 Datasheet HTML 5Page - Texas Instruments INA351 Datasheet HTML 6Page - Texas Instruments INA351 Datasheet HTML 7Page - Texas Instruments INA351 Datasheet HTML 8Page - Texas Instruments INA351 Datasheet HTML 9Page - Texas Instruments INA351 Datasheet HTML 10Page - Texas Instruments INA351 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7.5 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 1.8 V to 5.5 V (±0.9 V to ±2.75 V) at TA = 25°C, VREF = VS/2, G = 10, RL = 10 kΩ connected to VS / 2,
VCM = [(VIN+) + (VIN–)] / 2 = VS / 2, VIN = (VIN+) – (VIN–) = 0 V and VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tS
Settling time
G = 10, To 0.1%, VS = 5.5 V, VSTEP = 2 V, CL = 10 pF
14
µs
G = 10, To 0.01%, VS = 5.5 V, VSTEP = 2 V, CL = 10 pF
24
G = 20, To 0.1%, VS = 5.5 V, VSTEP = 2 V, CL = 10 pF
20
G = 20, To 0.01%, VS = 5.5 V, VSTEP = 2 V, CL = 10 pF
30
Settling time
G = 30, To 0.1%, VS = 5.5 V, VSTEP = 2 V, CL = 10 pF
30
G = 30, To 0.01%, VS = 5.5 V, VSTEP = 2 V, CL = 10 pF
40
G = 50, To 0.1%, VS = 5.5 V, VSTEP = 2 V, CL = 10 pF
45
G = 50, To 0.01%, VS = 5.5 V, VSTEP = 2 V, CL = 10 pF
55
Overload recovery
VIN = 1 V, G = 10
8
µs
REFERENCE BUFFER
REF -
VIN
Linear input voltage range VS = 5.5 V
(V–) + 0.1
(V+) – 0.1
V
REF - G Reference gain to output
1
V/V
REF -
GE
Reference gain error(4)
VS = 5.5 V
±0.015
±0.10
%
REF -
ZIN
Input impedance
VS = 5.5 V
100 || 5
GΩ || pF
REF - IB Reference pin bias current VS = 5.5 V
±0.65
pA
POWER SUPPLY
VS
Power-supply voltage
Single-supply
1.7
5.5
V
Dual-supply
±0.85
±2.75
IQ
Quiescent current
VIN = 0 V
110
135
µA
TA = –40°C to 125°C
147
IQSD
Quiescent current per
amplifier
All amplifiers disabled, SHDN = V–
0.85
1.5
µA
VIL
Logic low threshold
voltage (Gain Select)
G = 10 for INA351ABS, G = 30 for INA351CDS
(V–) + 0.2 V
V
VIH
Logic high threshold
voltage (Gain Select)
G = 20 for INA351ABS, G = 50 for INA351CDS
(V–) + 1 V
V
tON
Amplifier enable time (full
shutdown) (6)
G = 10, VCM = VS / 2, VO = 0.9 × VS / 2,
RL connected to V–
100
µs
tOFF
Amplifier disable time (6)
G = 10, VCM = VS / 2, VO = 0.1 × VS / 2,
RL connected to V–
5
µs
SHDN pin input bias
current (per pin)
(V+) ≥ SHDN ≥ (V–) + 1 V
10
nA
SHDN pin input bias
current (per pin)
(V–) ≤ SHDN ≤ (V–) + 0.2 V
175
nA
(1)
Total offset, referred-to-input (RTI): VOS = (VOSI) + (VOSO / G).
(2)
Offset drifts are uncorrelated. Input-referred offset drift is calculated using: ΔVOS(RTI) = √[ΔVOSI 2 + (ΔVOSO / G)2]
(3)
Input common mode voltage range of the just the input stage of the instrumentation amplifier. The entire INA351 input range depends
on the combination input common-mode voltage, differential voltage, gain, reference voltage and power supply voltage. Typical
Characteristic curves will be added with more information.
(4)
Min and Max values are specified by characterization.
(5)
Total RTI voltage noise is equal to: eN(RTI) = √[eNI 2 + (eNO / G)2]
(6)
Disable time (tOFF) and enable time (tON) are defined as the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
www.ti.com
INA351
SBOSAD5C – DECEMBER 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com