Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA351
Description  INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA351 Datasheet HTML 10Page - Texas Instruments INA351 Datasheet HTML 11Page - Texas Instruments INA351 Datasheet HTML 12Page - Texas Instruments INA351 Datasheet HTML 13Page - Texas Instruments INA351 Datasheet HTML 14Page - Texas Instruments INA351 Datasheet HTML 15Page - Texas Instruments INA351 Datasheet HTML 16Page - Texas Instruments INA351 Datasheet HTML 17Page - Texas Instruments INA351 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 5.5 V, VIN = (VIN+) – (VIN–) = 0 V, RL = 10 kΩ, CL = 10 pF, VREF = VS / 2, VCM = [(VIN+) +
(VIN–)] / 2 = VS / 2, VOUT = VS / 2 and G = 10 (unless otherwise noted)
Time (1s/div)
-3
-2.4
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
2.4
3
A10_
Figure 7-37. 0.1 Hz to 10 Hz Voltage Noise in Time Domain
Frequency (Hz)
1
2
5
10
20
50
100
200
500
1000
2000
100
1k
10k
100k
A12_
G = 10
Figure 7-38. Closed-Loop Output Impedance vs Frequency
Frequency (Hz)
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
1
10
100
1k
10k
100k
1M
A13_
Vs = 5.5 V
Vs = 3.3 V
Figure 7-39. Maximum Output Voltage vs Frequency
Frequency (Hz)
-74
-70
-66
-62
-58
-54
-50
-46
-42
-38
10
100
1k
10k
A15_
G = 10
G = 20
G = 30
G = 50
VS = 5.5 V
BW = 80 kHz
VCM = 2.75 V
RL = 10 kΩ
VOUT = 0.5 VRMS
Figure 7-40. THD + N Frequency
Frequency (Hz)
-82
-76
-70
-64
-58
-52
-46
-40
-34
10
100
1k
10k
A16_
G = 10
G = 20
G = 30
G = 50
VS = 5.5 V
BW = 80 kHz
VCM = 2.75 V
RL = 100 kΩ
VOUT = 1 VRMS
Figure 7-41. THD + N Frequency
Frequency (Hz)
50
60
70
80
90
100
110
1M
10M
100M
1G
A14_
G = 10
G = 20
G = 30
G = 50
Figure 7-42. Electromagnetic Interference Rejection Ratio
Referred to Noninverting Input (EMIRR+) vs Frequency
INA351
SBOSAD5C – DECEMBER 2022 – REVISED MAY 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com