Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA351
Description  INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA351 Datasheet HTML 7Page - Texas Instruments INA351 Datasheet HTML 8Page - Texas Instruments INA351 Datasheet HTML 9Page - Texas Instruments INA351 Datasheet HTML 10Page - Texas Instruments INA351 Datasheet HTML 11Page - Texas Instruments INA351 Datasheet HTML 12Page - Texas Instruments INA351 Datasheet HTML 13Page - Texas Instruments INA351 Datasheet HTML 14Page - Texas Instruments INA351 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 5.5 V, VIN = (VIN+) – (VIN–) = 0 V, RL = 10 kΩ, CL = 10 pF, VREF = VS / 2, VCM = [(VIN+) +
(VIN–)] / 2 = VS / 2, VOUT = VS / 2 and G = 10 (unless otherwise noted)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
100
300
500
700
900
1100
1300
1500
1700
T08_
Vs = 1.8 V
Vs = 3.3 V
Vs = 5.5 V
Figure 7-19. Shutdown Quiescent Current vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-60
-40
-20
0
20
40
60
T13_
ISC (-), VS = 3.3 V
ISC (-), VS = 5.5 V
ISC (+), VS = 3.3 V
ISC (+), VS = 5.5 V
Figure 7-20. Short Circuit Current vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-0.1
-0.05
0
0.05
0.1
T10_
G=10
G=20
G=30
G=50
Figure 7-21. Gain Error vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
50
70
90
110
130
T12_
G=10
G=20
G=30
G=50
Figure 7-22. CMRR vs Temperature
Input Common-Mode Voltage (V)
-2.75
-2
-1.25
-0.5
0.25
1
1.75
2.5
-2000
-1500
-1000
-500
0
500
1000
1500
2000
C01_
V+ = 2.75 V and V– = –2.75 V
Figure 7-23. Input Referred Offset Voltage vs Input Common-
Mode Voltage
Input Common-Mode Voltage (V)
-1.65
-1.15
-0.65
-0.15
0.35
0.85
1.35 1.65
-2000
-1500
-1000
-500
0
500
1000
1500
2000
C02_
V+ = 1.65 V and V– = –1.65 V
Figure 7-24. Input Referred Offset Voltage vs Input Common-
Mode Voltage
www.ti.com
INA351
SBOSAD5C – DECEMBER 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com