Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA351
Description  INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA351 Datasheet HTML 16Page - Texas Instruments INA351 Datasheet HTML 17Page - Texas Instruments INA351 Datasheet HTML 18Page - Texas Instruments INA351 Datasheet HTML 19Page - Texas Instruments INA351 Datasheet HTML 20Page - Texas Instruments INA351 Datasheet HTML 21Page - Texas Instruments INA351 Datasheet HTML 22Page - Texas Instruments INA351 Datasheet HTML 23Page - Texas Instruments INA351 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
8.3 Feature Description
8.3.1 Gain-Setting
The gain equation of INA351ABS can be given by Equation 1:
G=1+180 kΩRG 
(1)
The value of the internal gain resistor RG for INA351ABS can then be derived from the gain equation:
RG=180 kΩG−1 
(2)
Similarly The gain equation of INA351CDS can be given by Equation 3:
G=1 + 290 kΩRG 
(3)
The value of the internal gain resistor RG for INA351CDS can then be derived from the gain equation:
RG= 290 kΩG − 1 
(4)
Table 8-1 provides how to choose different gain options across INA351ABS and INA351CDS. The 60-kΩ, 90-kΩ,
and 145-kΩ resistors mentioned are all typical values of the on-chip resistors.
Table 8-1. Gain Selection Table
DEVICE
GAIN SELECT (GS)
SELECTED GAIN
INA351ABS
High or No Connect
20
Low
10
INA351CDS
High or No Connect
50
Low
30
8.3.1.1 Gain Error and Drift
Gain error in INA351 is limited by the mismatch of the integrated precision resistors and is specified based on
characterization results. Gain error of maximum 0.1% can be expected for all gains of 10, 20, 30 and 50. Gain
drift in INA351 is limited by the slight mismatch of the temperature coefficient of the integrated resistors. Since
these integrated resistors are precision matched with low temperature coefficient resistors to begin with, the
overall gain drift is much better in comparison to discrete implementation of the instrumentation amplifiers built
using external resistors.
8.3.2 Input Common-Mode Voltage Range
INA351 has two gain stages, the first stage has a common-mode gain of 1 and a differential gain set by the GS
pin. The second stage is configured in a difference-amplifier configuration with differential gain of 1 and ideally
rejects all of the input common mode completely. The second stage also provides a gain of 1 from REF pin to set
the output common-mode voltage.
The linear input voltage range of the INA351, even for a rail-to-rail first stage, is dictated by both the signal swing
at output of the first stage as well as the input common-mode voltage range output swing of the second stage. In
order to maximize performance, it is critical to keep the INA351 within its linear range for a given combination of
gain, reference, and input common-mode voltage for a particular input differential. Input common-mode voltage
(VCM) vs output voltage graphs (VOUT) in this section show a particular reference voltage and gain configuration
to outline the linear performance region of INA351. A good common-mode rejection can be expected when
operating with in the limits of the VCM vs VOUT graph. Note that the INA351 linear input voltage cannot be close
to or extend beyond the supply rails, as the output of the first stage will be driven into saturation.
INA351
SBOSAD5C – DECEMBER 2022 – REVISED MAY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com