Electronic Components Datasheet Search
  English  ▼

X  

TLV3604 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3604
Description  TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3604 Datasheet(HTML) 4 Page - Texas Instruments

  TLV3604 Datasheet HTML 1Page - Texas Instruments TLV3604 Datasheet HTML 2Page - Texas Instruments TLV3604 Datasheet HTML 3Page - Texas Instruments TLV3604 Datasheet HTML 4Page - Texas Instruments TLV3604 Datasheet HTML 5Page - Texas Instruments TLV3604 Datasheet HTML 6Page - Texas Instruments TLV3604 Datasheet HTML 7Page - Texas Instruments TLV3604 Datasheet HTML 8Page - Texas Instruments TLV3604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
5.1 Pin Configuration: TLV3607
1
IN+A
12
OUT+A
2
IN–A
11
OUT–A
3
IN–B
10
OUT–B
4
IN+B
9
OUT+B
Not to scale
Thermal
Pad
Figure 5-3. RTE Package
16-Pin WQFN with Exposed Thermal Pad
Top View
Table 5-2. Pin Functions: TLV3607
PIN
I/O
DESCRIPTION
NAME
TLV3607
IN+A
1
I
Channel A non-inverting input
IN–A
2
I
Channel A inverting input
IN–B
3
I
Channel B inverting input
IN+B
4
I
Channel B non-inverting input
OUT+A
12
O
Channel A non-inverting output
OUT–A
11
O
Channel A inverting output
OUT–B
10
O
Channel B inverting output
OUT+B
9
O
Channel B non-inverting output
VEE
6, 14
I
Negative power supply
VCCI
5
I
Positive input section power supply
VCCO
13
I
Positive output section power supply
SHDNA
16
I
Channel A shutdown control (active low)
SHDNB
8
I
Channel B shutdown control (active low)
LE/HYSA
15
I
Channel A latch enable (active low) and adjustable hysteresis control
LE/HYSB
7
I
Channel B latch enable (active low) and adjustable hysteresis control
TLV3604, TLV3605, TLV3607
SNOSDA2E – AUGUST 2020 – REVISED JULY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3604 TLV3605 TLV3607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com