Electronic Components Datasheet Search
  English  ▼

X  

TLV3604 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3604
Description  TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3604 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV3604 Datasheet HTML 16Page - Texas Instruments TLV3604 Datasheet HTML 17Page - Texas Instruments TLV3604 Datasheet HTML 18Page - Texas Instruments TLV3604 Datasheet HTML 19Page - Texas Instruments TLV3604 Datasheet HTML 20Page - Texas Instruments TLV3604 Datasheet HTML 21Page - Texas Instruments TLV3604 Datasheet HTML 22Page - Texas Instruments TLV3604 Datasheet HTML 23Page - Texas Instruments TLV3604 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
10 Layout
10.1 Layout Guidelines
Comparators are very sensitive to input noise. For best results, adhere to the following layout guidelines.
1. Use a printed-circuit-board (PCB) with a good, unbroken, low-inductance ground plane. Proper grounding
(use of a ground plane) helps maintain specified device performance and input/output trace impedances.
2. To minimize supply noise, place a decoupling capacitor (0.1-μF ceramic, surface-mount capacitor) directly
between VCCI/VCCO and VEE.
3. On the inputs and outputs, utilize matched trace lengths to minimize timing skew. Also, minimize
trace lengths and maximize ground pour spacings around the input and output traces to limit parasitic
capacitance.
4. Solder the device directly to the PCB rather than using a socket.
5. For slow-moving input signals, take care to prevent parasitic feedback. A small capacitor (1000 pF or less)
placed between the inputs can help eliminate oscillations in the transition region. This capacitor causes
minimal degradation to propagation delay when source impedance is low.
6. Use a 100 Ω termination resistor across the device's LVDS outputs.
7. Use higher performance substrate materials such as Rogers or High-Speed FR4.
8. PCB signal layers from the TLV3604EVM are shown for reference.
10.2 Layout Example
Figure 10-1 shows the 4 layer PCB signal routing for the TLV3604EVM as an example for how layout on this
device can be done.
TLV3604, TLV3605, TLV3607
SNOSDA2E – AUGUST 2020 – REVISED JULY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3604 TLV3605 TLV3607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com