Electronic Components Datasheet Search
  English  ▼

X  

TLV3604 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3604
Description  TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3604 Datasheet(HTML) 3 Page - Texas Instruments

  TLV3604 Datasheet HTML 1Page - Texas Instruments TLV3604 Datasheet HTML 2Page - Texas Instruments TLV3604 Datasheet HTML 3Page - Texas Instruments TLV3604 Datasheet HTML 4Page - Texas Instruments TLV3604 Datasheet HTML 5Page - Texas Instruments TLV3604 Datasheet HTML 6Page - Texas Instruments TLV3604 Datasheet HTML 7Page - Texas Instruments TLV3604 Datasheet HTML 8Page - Texas Instruments TLV3604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
5 Pin Configuration and Functions
Pin Configurations: TLV3604 and TLV3605
1
2
3
6
4
OUTí
INí
OUT+
V
EE
IN+
5
VCCI/VCCO
Figure 5-1. DCK Package
6-Pin SC70
Top View
1
2
3
9
7
VEE
SHDN
VCCO
V
CCI
V
EE
8
LE/HYS
6
5
4
10
11
12
Figure 5-2. RVK Package
12-Pin QFN
Top View
Table 5-1. Pin Functions: TLV3604 and TLV3605
PIN
I/O
DESCRIPTION
NAME
TLV3604
TLV3605
IN+
3
4
I
Non-inverting input
IN–
4
6
I
Inverting input
OUT+
1
12
O
Non-inverting output
OUT–
6
10
O
Inverting output
VEE
2
3, 5, 9, 11
I
Negative power supply
VCCI
5
2
I
Positive input section power supply
VCCO
5
1
I
Positive output section power supply
SHDN
-
7
I
Shutdown control, active low
LE/HYS
-
8
I
Adjustable hysteresis control and latch
www.ti.com
TLV3604, TLV3605, TLV3607
SNOSDA2E – AUGUST 2020 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV3604 TLV3605 TLV3607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com