Electronic Components Datasheet Search
  English  ▼

X  

TLV3604 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3604
Description  TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3604 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV3604 Datasheet HTML 9Page - Texas Instruments TLV3604 Datasheet HTML 10Page - Texas Instruments TLV3604 Datasheet HTML 11Page - Texas Instruments TLV3604 Datasheet HTML 12Page - Texas Instruments TLV3604 Datasheet HTML 13Page - Texas Instruments TLV3604 Datasheet HTML 14Page - Texas Instruments TLV3604 Datasheet HTML 15Page - Texas Instruments TLV3604 Datasheet HTML 16Page - Texas Instruments TLV3604 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
7 Detailed Description
7.1 Overview
The TLV3604 and TLV3605 are 800-ps, high-speed comparators with LVDS outputs and rail-to-rail inputs. These
features, along with an operating voltage range of 2.4 V to 5.5 V and a high toggle frequency of 3 Gbps,
make the TLV3604 and TLV3605 well suited for LIDAR, clock and data recovery applications, and test and
measurement systems.
7.2 Functional Block Diagram
+
–
OUTP
IN+
IN
-
OUTN
100
TLV3604
+
–
TLV3605
TLV3607 per channel
OUTP
OUTN
100
R
IN+
IN
-
SHDN
LVDS
LVDS
7.3 Feature Description
The TLV3604 and TLV3605 (single channel) and TLV3607 (dual channel) are high-speed comparators with rail-
to-rail inputs and LVDS outputs. The rail-to-rail input stage is capable of operating up to 200 mV beyond each
power supply rail with minimal input offset. The TLV3605 (single) and TLV3607 (dual) have similar performance
as the TLV3604 while providing adjustable hysteresis, latching function, and shutdown mode.
7.4 Device Functional Modes
The TLV3604 has a single functional mode and is operational when the power supply voltage is greater than
the minimum operating voltage. On the other hand, the TLV3605 and TLV3607 have an active and shutdown
mode. The TLV3605 and TLV3607 are in shutdown mode when the SHDN pin is logic low. To allow for easy
interface with 1.8V FPGAs and CPUs, the SHDN pin is 1.8 V logic compliant and independent of the comparator
power supply.
7.4.1 Rail-to-Rail Inputs
The TLV3604, TLV3605, and TLV3607 feature input stages capable of operating 200mV below or above the
power supply rails, allowing for zero cross detection and maximizing input dynamic range. With low input offset
voltage, the comparators improve system performance in high sensitivity signal detection.
7.4.2 LVDS Output
The TLV3604, TLV3605, and TLV3607 outputs are LVDS compliant. When the input of the downstream device is
terminated with a 100 Ω resistor, it provides a ±350 mV LVDS swing. Fully differential outputs enable fast digital
toggling and reduce EMI compared to single-ended output standards.
www.ti.com
TLV3604, TLV3605, TLV3607
SNOSDA2E – AUGUST 2020 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV3604 TLV3605 TLV3607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com