Electronic Components Datasheet Search
  English  ▼

X  

TLV3604 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3604
Description  TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3604 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV3604 Datasheet HTML 7Page - Texas Instruments TLV3604 Datasheet HTML 8Page - Texas Instruments TLV3604 Datasheet HTML 9Page - Texas Instruments TLV3604 Datasheet HTML 10Page - Texas Instruments TLV3604 Datasheet HTML 11Page - Texas Instruments TLV3604 Datasheet HTML 12Page - Texas Instruments TLV3604 Datasheet HTML 13Page - Texas Instruments TLV3604 Datasheet HTML 14Page - Texas Instruments TLV3604 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
6.6 Typical Characteristics (continued)
At TA = 25°C, VCCI/VCCO = 2.5 V to 5.0 V, VCM = 0.3V, and input overdrive/underdrive = 50 mV unless otherwise noted.
Figure 6-13. TPLH vs VCM @ VCC = 2.5V
Figure 6-14. TPLH vs VCM @ VCC = 3.3V
Figure 6-15. TPLH vs VCM @ VCC = 5.0V
VCM (V)
-0.5
0
0.5
1
1.5
2
2.5
3
500
550
600
650
700
750
800
850
900
950
1000
-40°C
25°C
85°C
125°C
Figure 6-16. TPHL vs VCM @ VCC = 2.5V
VCM (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
500
550
600
650
700
750
800
850
900
950
1000
-40°C
25°C
85°C
125°C
Figure 6-17. TPHL vs VCM @ VCC = 3.3V
VCM (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
500
550
600
650
700
750
800
850
900
950
1000
-40°C
25°C
85°C
125°C
Figure 6-18. TPHL vs VCM @ VCC = 5.0V
www.ti.com
TLV3604, TLV3605, TLV3607
SNOSDA2E – AUGUST 2020 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV3604 TLV3605 TLV3607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com