Electronic Components Datasheet Search
  English  ▼

X  

AT43USB325 Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 92Page - ATMEL Corporation AT43USB325 Datasheet HTML 93Page - ATMEL Corporation AT43USB325 Datasheet HTML 94Page - ATMEL Corporation AT43USB325 Datasheet HTML 95Page - ATMEL Corporation AT43USB325 Datasheet HTML 96Page - ATMEL Corporation AT43USB325 Datasheet HTML 97Page - ATMEL Corporation AT43USB325 Datasheet HTML 98Page - ATMEL Corporation AT43USB325 Datasheet HTML 99Page - ATMEL Corporation AT43USB325 Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 109 page
background image
96
3355C–USB–4/05
AT43USB325
9.
Electrical Specification
9.1
Absolute Maximum Ratings
Stresses beyond those listed below may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of this specification is not implied. Exposure to abso-
lute maximum rating conditions for extended periods may affect device reliability.
Note:
VCEXT is the voltage at CEXT1, CEXT2.
9.2
DC Characteristics
The values shown in this table are valid for TA = 0
°C to 85°C, VCC = 4.4 to 5.25V, unless other-
wise noted.
Table 9-1.
Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Max
Unit
V
CC5
5V Power Supply
5.5
V
VI
DC input voltage
-0.3V
VCEXT+0.3
4.6 max
V
VO
DC output voltage
-0.3
VCEXT+0.3
4.6 max
V
TO
Operating temperature
-40
+125
°C
TS
Storage temperature
-65
+150
°C
Table 9-2.
Power Supply
Symbol
Parameter
Condition
Min
Max
Unit
VCC
5V Power Supply
4.4
5.25
V
I
CC
5V Supply Current
40
mA
I
CCS
Suspended Device Current
600
uA
Table 9-3.
USB Signals: DPx, DMx
Symbol
Parameter
Condition
Min
Max
Unit
V
IH
Input Level High (driven)
2.0
V
VIHZ
Input Level High (floating)
2.7
V
V
IL
Input Level Low
0.8
V
V
DI
Differential Input Sensitivity
DPx and DMx
0.2
V
V
CM
Differential Common Mode
Range
0.8
2.5
V
V
OL1
Static Output Low
RL of 1.5 k
Ω to 3.6V
0.3
V
VOH1
Static Output High
RL of 15 k
Ω to GND
2.8
3.6
V
V
CRS
Output Signal Crossover
1.3
2.0
V
VIN
Input Capacitance
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com