Electronic Components Datasheet Search
  English  ▼

X  

AT43USB325 Datasheet(PDF) 98 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 94Page - ATMEL Corporation AT43USB325 Datasheet HTML 95Page - ATMEL Corporation AT43USB325 Datasheet HTML 96Page - ATMEL Corporation AT43USB325 Datasheet HTML 97Page - ATMEL Corporation AT43USB325 Datasheet HTML 98Page - ATMEL Corporation AT43USB325 Datasheet HTML 99Page - ATMEL Corporation AT43USB325 Datasheet HTML 100Page - ATMEL Corporation AT43USB325 Datasheet HTML 101Page - ATMEL Corporation AT43USB325 Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 109 page
background image
98
3355C–USB–4/05
AT43USB325
Figure 9-1.
Synchronous Data Timing
Note:
1. With external 27
Ω series resistor.
Figure 9-2.
Full-speed Load
Table 9-7.
USB Driver Characteristics, Full Speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
TR
Rise time
CL = 50 pF
4
20
ns
TF
Fall time
C
L = 50 pF
4
20
ns
TRFM
TR/TF matching
90
110
%
ZDRV
Driver output resistance(1)
Steady state drive
28
44
Ω
Table 9-8.
USB Driver Characteristics, Low-speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
TR
Rise time
CL = 200 - 600 pF
75
300
ns
TF
Fall time
CL = 200 - 600 pF
75
300
ns
TRFM
TR/TF matching
80
125
%
SCK
MOSI
MISO
SSN
tCSH
tCS
tH0
tDIS
HI-Z
tV
tH
VALID IN
HI-Z
tSU
tWH
tWL
tCSS
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
TxD+
TxD-
R
S
R
S
C
L
C
L
C
L = 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com