Electronic Components Datasheet Search
  English  ▼

X  

AT43USB325 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 6Page - ATMEL Corporation AT43USB325 Datasheet HTML 7Page - ATMEL Corporation AT43USB325 Datasheet HTML 8Page - ATMEL Corporation AT43USB325 Datasheet HTML 9Page - ATMEL Corporation AT43USB325 Datasheet HTML 10Page - ATMEL Corporation AT43USB325 Datasheet HTML 11Page - ATMEL Corporation AT43USB325 Datasheet HTML 12Page - ATMEL Corporation AT43USB325 Datasheet HTML 13Page - ATMEL Corporation AT43USB325 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
10
3355C–USB–4/05
AT43USB325
3.1
X-, Y- and Z- Registers
Registers R26..R31 contain some added functions to their general-purpose usage. These regis-
ters are address pointers for indirect addressing of the Data Space. The three indirect address
registers X, Y, and Z are defined as:
In the different addressing modes these address registers have functions as fixed displacement,
automatic increment and decrement (see the descriptions for the different instructions).
3.2
Arithmetic Logic Unit (ALU)
The high-performance AVR ALU operates in direct connection with all 32 general-purpose work-
ing registers. Within a single clock cycle, ALU operations between registers in the register file
are executed. The ALU operations are divided into three main categories – arithmetic, logical
and bit-functions.
3.3
Program Memory
The AT43USB325E contains 16K bytes on-chip downloadable memory for program storage
while the AT43USB325M has a masked programmable ROM. Since all instructions are 16- or
32-bit words, the program memory is organized as 8K x 16. The AT43USB325 Program Counter
(PC) is 13 bits wide, thus addressing the 8,192 program memory addresses.
Constant tables can be allocated within the entire program memory address space (see the LPM
- Load Program Memory instruction description).
The program memory of the AT43USB325E is automatically written with data stored in an exter-
nal serial EEPROM during the chip's power on reset sequence. The power on reset is the only
way the on-chip program memory of the AT43USB325E will be written or modified.
The two versions of the AT43USB325 are binary compatible. A firmware written for the
AT43USB325E will work unaltered on the AT43USB325M. The only functional difference
X-register
15
XH
XL
0
70
7
0
R27 ($1B)
R26 ($1A)
Y-register
15
YH
YL
0
70
7
0
R29 ($1D)
R28 ($1C)
Z-register
15
ZH
ZL
0
70
7
0
R30 ($1F)
R31 ($1E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com