Electronic Components Datasheet Search
  English  ▼

X  

AT26F004 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT26F004
Description  4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26F004 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT26F004 Datasheet HTML 22Page - ATMEL Corporation AT26F004 Datasheet HTML 23Page - ATMEL Corporation AT26F004 Datasheet HTML 24Page - ATMEL Corporation AT26F004 Datasheet HTML 25Page - ATMEL Corporation AT26F004 Datasheet HTML 26Page - ATMEL Corporation AT26F004 Datasheet HTML 27Page - ATMEL Corporation AT26F004 Datasheet HTML 28Page - ATMEL Corporation AT26F004 Datasheet HTML 29Page - ATMEL Corporation AT26F004 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
26
3588C–DFLASH–04/06
AT26F004
11.3
Resume from Deep Power-down
In order exit the Deep Power-down mode and resume normal device operation, the Resume
from Deep Power-down command must be issued. The Resume from Deep Power-down com-
mand is the only command that the device will recognize while in the Deep Power-down mode.
To resume from the Deep Power-down mode, the CS pin must first be asserted and opcode of
ABh must be clocked into the device. Any additional data clocked into the device after the
opcode will be ignored. When the CS pin is deasserted, the device will exit the Deep Power-
down mode within the maximum time of t
RDPD and return to the standby mode. After the device
has returned to the standby mode, normal command operations such as Read Array can be
resumed.
If the complete opcode is not clocked in before the CS pin is deasserted, then the device will
abort the operation and return to the Deep Power-down mode.
Figure 11-3. Resume from Deep Power-down
SCK
CS
SI
SO
MSB
ICC
23
1
0
10101011
67
5
4
OPCODE
HIGH-IMPEDANCE
Deep Power-Down Mode Current
Active Current
Standby Mode Current
tRDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com