Electronic Components Datasheet Search
  English  ▼

X  

AT26F004 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT26F004
Description  4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26F004 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT26F004 Datasheet HTML 25Page - ATMEL Corporation AT26F004 Datasheet HTML 26Page - ATMEL Corporation AT26F004 Datasheet HTML 27Page - ATMEL Corporation AT26F004 Datasheet HTML 28Page - ATMEL Corporation AT26F004 Datasheet HTML 29Page - ATMEL Corporation AT26F004 Datasheet HTML 30Page - ATMEL Corporation AT26F004 Datasheet HTML 31Page - ATMEL Corporation AT26F004 Datasheet HTML 32Page - ATMEL Corporation AT26F004 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29
3588C–DFLASH–04/06
AT26F004
Notes:
1. Specification only applies when using the 03h Read Array (Low Frequency) command.
2. Not 100% tested (value guaranteed by design and characterization).
3. Specification only applies when using the SPI Mode 3 timing.
4. Only applicable as a constraint for the Write Status Register command when SPRL = 1.
12.4
AC Characteristics
Symbol
Parameter
Min
Max
Units
f
SCK
Serial Clock (SCK) Frequency
33
MHz
f
RDLF
SCK Frequency for Read Array (Low Frequency – 03h opcode)
20
MHz
t
SCKH
SCK High Time
13
20(1)
ns
t
SCKL
SCK Low Time
13
20(1)
ns
tSCKR
(2)
SCK Rise Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
t
SCKF
(2)
SCK Fall Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tCSH
Chip Select High Time
50
ns
tCSLS
Chip Select Low Setup Time (relative to SCK)
5
ns
tCSLH
Chip Select Low Hold Time (relative to SCK)
5
12(3)
ns
t
CSHS
Chip Select High Setup Time (relative to SCK)
5
ns
tCSHH
Chip Select High Hold Time (relative to SCK)
5
ns
tDS
Data In Setup Time
3
ns
t
DH
Data In Hold Time
3
ns
tOH
Output Hold Time
0
ns
t
DIS
(2)
Output Disable Time
10
ns
tV
Output Valid Time
12
18(1)
ns
t
HLS
HOLD Low Setup Time (relative to SCK)
5
ns
tHLH
HOLD Low Hold Time (relative to SCK)
5
ns
t
HHS
HOLD High Setup Time (relative to SCK)
5
ns
t
HHH
HOLD High Hold Time (relative to SCK)
5
ns
tHLQZ
(2)
HOLD Low to Output High-Z
9
ns
t
HHQX
(2)
HOLD High to Output Low-Z
9
ns
t
WPS
(2)(4)
Write Protect Setup Time
20
ns
tWPH
(2)(4)
Write Protect Hold Time
100
ns
t
SECP
(2)
Sector Protect Time (from Chip Select High)
20
ns
t
SECUP
(2)
Sector Unprotect Time (from Chip Select High)
20
ns
tEDPD
(2)
Chip Select High to Deep Power-down
3
µs
t
RDPD
(2)
Chip Select High to Standby Mode
3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com