Electronic Components Datasheet Search
  English  ▼

X  

AT83C24B Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT83C24B
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT83C24B Datasheet HTML 4Page - ATMEL Corporation AT83C24B Datasheet HTML 5Page - ATMEL Corporation AT83C24B Datasheet HTML 6Page - ATMEL Corporation AT83C24B Datasheet HTML 7Page - ATMEL Corporation AT83C24B Datasheet HTML 8Page - ATMEL Corporation AT83C24B Datasheet HTML 9Page - ATMEL Corporation AT83C24B Datasheet HTML 10Page - ATMEL Corporation AT83C24B Datasheet HTML 11Page - ATMEL Corporation AT83C24B Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
4234F–SCR–10/05
AT83C24
Write Commands
The write commands are:
1.
Reset:
Initializes all the logic and the TWI interface as after a power-up or power-fail reset. If a
smart card is active when RESET falls, a deactivation sequence is performed. This is a one-
byte command.
2.
Write Config:
Configures the device according to the last six bits in the CONFIG0 register and to the fol-
lowing four bytes in CONFIG1, CONFIG2, CONFIG3 then CONFIG4 registers. This is a
five bytes command.
Figure 3. Command byte format for Write CONFIG0 command
3.
Write Timer:
Program the 16-bit automatic reset transition timer with the following two bytes. This is a
three bytes command.
4.
Write Interface:
Program the interface. This is a one-byte command. The MSB of the command byte is fixed
at 0.
5.
General Call Reset:
A general call followed by the value 06h has the same effect as a Reset command.
Table 3. Write Commands Description
Address Byte
(See Table 2)
Command Byte
Data Byte
1
Data Byte
2
Data Byte
3
Data Byte
4
1. Reset
0100 A
2A1A00
1111 1111
2. Write config
0100 A
2A1A00
(10 + CONFIG0 6
bits)
CONFIG1
CONFIG2
CONFIG3
CONFIG4
3. Write Timer
0100 A
2A1A00
1111 1100
TIMER1
TIMER0
4. Write Interface
0100 A
2A1A00
(0+INTERFACE 7
bits)
5. General Call
Reset
0000 0000
0000 0110
b7
b6
b5
b4
b3
b2
b1
1
X
0
X
X
X
X
CONFIG0 on 6 Bits
b0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com