Electronic Components Datasheet Search
  English  ▼

X  

AT83C24B Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT83C24B
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT83C24B Datasheet HTML 32Page - ATMEL Corporation AT83C24B Datasheet HTML 33Page - ATMEL Corporation AT83C24B Datasheet HTML 34Page - ATMEL Corporation AT83C24B Datasheet HTML 35Page - ATMEL Corporation AT83C24B Datasheet HTML 36Page - ATMEL Corporation AT83C24B Datasheet HTML 37Page - ATMEL Corporation AT83C24B Datasheet HTML 38Page - ATMEL Corporation AT83C24B Datasheet HTML 39Page - ATMEL Corporation AT83C24B Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
36
4234F–SCR–10/05
AT83C24
Typical NDS
Application
Figure 2. Typical NDS Standard Mode Application Diagram for 1 AT83C24NDS.
Note:
1. The external resistor on I/O can be removed if the host pin has an internal resistor.
2. The internal pull up on PRES/INT is disabled during reset (recommended external 20kOhms
pull up).
3. Refer to application note for AT83C24NDS software configuration.
100nF
XTAL1
XTAL2
1uF
Host
CVSS
CVSS
2.2µF
C1
C2
C10
4.7µH
VSS
VSS
PRES/INT
CLK
CVCC
CVSS
SCL
SDA
I/O, C4, C8
V
CC
MICROCONTROLLER
TWI
INT0
Px.y
L1
RESET
RST
V
CC
18.432 or 27MHz
A2/CLK
A1/RST
A0/3V
EVCC
VSS
DVCC
100nF
VCC
2.2uF
CVSS
C3
VSS
Reset
pullup
SDA,
SCL
pullups
See note1
for
I/O pull up
CRST
CPRES
CIO, CC4, CC8
CCLK
AT83C24NDS
100nF
C13
VSS
Px.y
Px.y
Px.y
VSS
card
Smart
Card 1
CVCCin
present
See note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com