Electronic Components Datasheet Search
  English  ▼

X  

AT83C24B Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT83C24B
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT83C24B Datasheet HTML 34Page - ATMEL Corporation AT83C24B Datasheet HTML 35Page - ATMEL Corporation AT83C24B Datasheet HTML 36Page - ATMEL Corporation AT83C24B Datasheet HTML 37Page - ATMEL Corporation AT83C24B Datasheet HTML 38Page - ATMEL Corporation AT83C24B Datasheet HTML 39Page - ATMEL Corporation AT83C24B Datasheet HTML 40Page - ATMEL Corporation AT83C24B Datasheet HTML 41Page - ATMEL Corporation AT83C24B Datasheet HTML 42Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
41
4234F–SCR–10/05
AT83C24
Datasheet
Change Log
Changes from
4234A-05/03 to
4234B-02/04
1.
Addition of CRST, CIO, CCLK controllers descriptions, page 10.
2.
Update of Hardware\Software activation description, page 14.
3.
Suppression of low voltage regulator mode for power down modes, page 18.
4.
Modification of clock values in CONFIG2 regsiter, page 22.
5.
Addition of a point on QFN pinout view, page2.
6.
Update of electrical characteristics, page 28.
Changes from
4234B-02/04 to
4234C - 04/04
1.
Addition of references in ordering information
2.
Update of EVCC description
3.
Update of CARDDET bit and INSERT bit description
Changes from
4234C-04/04 to
4234D - 07/04
1.
Update for Rev 4 silicon version (index 4 on component).
2.
Software workaround for A2 or A2/2 selection in CKS register.
3.
Max speed on IO/CIO transfer
4.
New conditions for hardware activation (see IT_SEL).
5.
SO28 drawing package (error with SO32).
6.
Adjusted electrical parameters for NDS compliance, pages 28, 29, 30.
Changes from
4234D-04/04 to
4234E - 09/04
1.
QFN28 new package drawing.
2.
Clock input parameters for AT83C24 and AT83C24NDS.
Changes from
4234E - 09/04 to
4234F - 10/05
1.
Updated green product ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com