Electronic Components Datasheet Search
  English  ▼

X  

AT83C24B Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT83C24B
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT83C24B Datasheet HTML 19Page - ATMEL Corporation AT83C24B Datasheet HTML 20Page - ATMEL Corporation AT83C24B Datasheet HTML 21Page - ATMEL Corporation AT83C24B Datasheet HTML 22Page - ATMEL Corporation AT83C24B Datasheet HTML 23Page - ATMEL Corporation AT83C24B Datasheet HTML 24Page - ATMEL Corporation AT83C24B Datasheet HTML 25Page - ATMEL Corporation AT83C24B Datasheet HTML 26Page - ATMEL Corporation AT83C24B Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
23
4234F–SCR–10/05
AT83C24
Table 9. CONFIG3 (Config Byte 3)
7
6
5
4
3
2
1
0
EAUTO
VEXT1
VEXT0
ICCADJ
LP
X
X
X
Bit
Number
Bit
Mnemonic
Description
7-5
EAUTO
VEXT1
VEXT0
EVCC voltage configuration:
EAUTO VEXT1 VEXT0
0
0
0 EVCC = 0 the regulator is switched off.
0
0
1EVCC = 2.3V
0
1
0 EVCC = 1.8V
0
1
1 EVCC = 2.7V
1
X
X EVCC voltage is the level detected on I/O input pin.
if EVCC is supplied from the external EVCC pin, the user can switch off the
internal EVCC regulator to decrease the consumption.
If EVCC is switched off, and no external EVCC is supplied, the AT83C24 is
inactive until a hardware reset is done.
The reset value is 100.
4
ICCADJ
CI
CC overflow adjust
This bit controls the DC/DC sensitivity to any overflow current .
Set this bit to decrease the DC/DC sensitivity (CI
CC_ovf is increased by about
20%, see Electrical Characteristics). The start of the DC/DC with a high current
load is easier.
Clear this bit to have a normal configuration.
The reset value is 0.
3
LP
Low-power Mode
Set this bit to enable low-power mode during shutdown mode (pulsed mode
activated).
Clear this bit to disable low-power mode during shutdown mode.
The activation reference is the following:
• First select the Low-power mode by setting LP bit.
• The activation of SHUTDOWN bit can then be done.
This bit as no effect when SHUTDOWN bit is cleared.
The reset value is 0.
2
X
This bit should not be set.
1
X
This bit should not be set.
0
X
This bit should not be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com