Electronic Components Datasheet Search
  English  ▼

X  

AT83C24B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT83C24B
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT83C24B Datasheet HTML 2Page - ATMEL Corporation AT83C24B Datasheet HTML 3Page - ATMEL Corporation AT83C24B Datasheet HTML 4Page - ATMEL Corporation AT83C24B Datasheet HTML 5Page - ATMEL Corporation AT83C24B Datasheet HTML 6Page - ATMEL Corporation AT83C24B Datasheet HTML 7Page - ATMEL Corporation AT83C24B Datasheet HTML 8Page - ATMEL Corporation AT83C24B Datasheet HTML 9Page - ATMEL Corporation AT83C24B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
4234F–SCR–10/05
AT83C24
Operational Modes
TWI Bus Control
The Atmel Two-wire Interface (TWI) interconnects components on a unique two-wire bus, made
up of one clock line and one data line with speeds of up to 400 Kbits per second, based on a
byte-oriented transfer format.
The TWI-bus interface can be used:
–
To configure the AT83C24
–
To select the operating mode of the card: 1.8V, 3V or 5V
–
To configure the automatic activation sequence
–
To start or stop sessions (activation and de-activation sequences)
–
To initiate a warm reset
–
To control the clock to the card in active mode
–
To control the clock to the card in stand-by mode (stop LOW, stop HIGH or running)
–
To enter or leave the card stand-by or power-down modes
–
To select the interface (connection to the host I/O / C4/ C8)
–
To request the status (card present or not, over-current and out of range supply
voltage occurrence)
–
To drive and monitor the card contacts by software
–
To accurately measure the ATR delay when automatic activation is used
TWI Commands
Frame Structure
The structure of the TWI bus data frames is made of one or a series of write and read com-
mands completed by STOP.
Write commands to the AT83C24 have the structure:
ADDRESS BYTE + COMMAND BYTE + DATA BYTE(S)
Read commands to the AT83C24 have the structure:
ADDRESS BYTE + DATA BYTE(S)
The ADDRESS BYTE is sampled on A2/CK, A1/RST, A0/3V after each reset (hard/soft/general
call) but A2/CK, A1/RST, A0/3V can be used for transparent mode after the reset.
Figure 1. Data transfer on TWI bus
SDA
SCL
start condition
stop condition
12
3
4
5
6
78
9
acknowledgement
from slave
Adresse byte
command
and/or data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com