Electronic Components Datasheet Search
  English  ▼

X  

AAT2805 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT2805
Description  Dual High Efficiency Charge Pump for White LED and Flash Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2805 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT2805 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics1
VIN = 3.6V; CIN = COUT = C1 = C2 = C3 = 1.0µF; TA = -40°C to +85°C, unless otherwise noted.
Typical values are TA = 25°C.
Symbol
Description
Conditions
Min Typ Max Units
Input Power Supply
VIN
Operation Range
2.7
5.5
V
1X Mode, 3.0
≤ VIN ≤ 5.5, Active, No Load
0.3
1
Current; EN_FLSH = GND, EN/SET = VIN
1.5X Mode, 3.0
≤ VIN ≤ 5.5, Active, No Load
1.0
3.0
Current; EN_FLSH = GND, EN/SET = VIN
mA
ICC
Operating Current
2X Mode, 3.0
≤ VIN ≤ 5.5, Active, No Load
1.0
3.0
Current; EN_FLSH = GND, EN/SET = VIN
EN_FLSH = GND, 50µA Output Setting,
50
µA
1X Mode
3.0
≤ VIN ≤ 5.5, No Load Current;
2.0
4.5
mA
EN_FLSH = VIN, EN/SET = GND
ISHDN
Shutdown Current
EN_FLSH = EN/SET = 0
1.0
µA
IDX
Input Current Accuracy2, 3
ISET = 30mA; TA = 25°C
-10
10
%
I(D-Match)
Current Matching Between
VD1:D4 = 3.6, VIN = 3.5V
0.5
%
Any Two Current Sink Inputs2, 4
RSINK
Sink Switch Impedance (each)2
7
Ω
3.0V < VIN < 5V, IOUT = 100mA;
4.32 4.5
4.68
VOUT_FL
Flash Charge Pump Output
EN_FLSH = VIN
V
Voltage5
3.0V < VIN < 5V, IOUT = 150mA;
4.3
4.5
4.7
EN_FLSH = VIN
IOUT_FL
Maximum Continuous IOUT5
VIN = 3.6V; VOUT = 4.5V; EN_FLSH = VIN
120
mA
Maximum Pulsed IOUT5
VIN = 3.6V; VOUT = 4.5V; IPULSED < 500ms
250
TSS
Soft-Start Time
100
µs
FCLK
Clock Frequency
1.0
MHz
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
1.4
V
TEN/SET LO
EN/SET Low Time
VEN/SET < 0.6V
0.3
75
µs
TEN/SET_HI_MIN Minimum EN/SET High Time
VEN/SET > 1.4V
50
ns
TEN/SET_HI_MAX Maximum EN/SET High Time
75
µs
TOFF
EN/SET Off Timeout6
VEN/SET < 0.6V
500
µs
TLAT
EN/SET Latch Timeout7
VEN/SET > 1.4V
500
µs
II
Enable and EN/SET Input
VEN/SET = VEN_FLSH = VIN
-1.0
1.0
µA
Leakage
AAT2805
Dual High Efficiency Charge Pump
for White LED and Flash Applications
4
2805.2006.04.1.7
1. The AAT2805 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured by
design, characterization, and correlation with statistical process controls.
2. Specification applies only to the tri-mode charge pump.
3. Determined by the average of all active channels.
4. Current matching is defined as the deviation of any sink current from the average of all active channels.
5. Specification applies only to the charge pump doubler.
6. The EN/SET pin must remain logic low (less than VEN(L)) for the duration of longer than 500µs to guarantee the off timeout.
7. The EN/SET pin must remain logic high (greater than VEN(H)) for the duration of longer than 500µs to guarantee the latch timeout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com