Electronic Components Datasheet Search
  English  ▼

X  

AAT2805 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT2805
Description  Dual High Efficiency Charge Pump for White LED and Flash Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2805 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT2805 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Characteristics–Flash Driver Charge Pump Section
Load Response vs. Time
(100mA Load)
Time (5ms/div)
VOUT_FL
(10mV/div)
IOUT
(50mA/div)
VIN = 3.5V
Load Response vs. Time
(50mA Load)
Time (5ms/div)
VOUT_FL
(10mV/div)
IOUT
(20mA/div)
VIN = 3.5V
Start-Up Time
(100mA Load)
TIme (100µs/div)
EN_FLSH
(1V/div)
VOUT_FL
(1V/div)
Start-Up Time
(50mA Load)
EN_FLSH
(1V/div)
VOUT_FL
(1V/div)
TIme (100µs/div)
Maximum Current Pulse vs. Supply Voltage
(VOUT_FL = 4.5V; EN_FL = VIN; EN/SET = GND)
Supply Voltage (V)
0
50
100
150
200
250
300
350
400
450
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
One-shot pulse duration = 250ms
VOUT > 4.0V
Output Voltage vs. Output Current
(VOUT_FL = 4.5V; EN_FL = VIN; EN/SET = GND)
Output Current (mA)
4.40
4.44
4.48
4.52
4.56
4.60
0.1
1.0
10.0
100.0
1000.0
3.6V
3.0V
3.3V
2.7V
AAT2805
Dual High Efficiency Charge Pump
for White LED and Flash Applications
2805.2006.04.1.7
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com