Electronic Components Datasheet Search
  English  ▼

X  

AAT2805 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT2805
Description  Dual High Efficiency Charge Pump for White LED and Flash Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2805 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT2805 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical Characteristics–Flash Driver Charge Pump Section
Oscillator Frequency vs. Supply Voltage
Supply Voltage (V)
1.10
1.15
1.20
1.25
1.30
2.7
3.2
3.7
4.2
4.7
-40°C
+85°C
+25°C
Supply Current vs. Supply Voltage
Supply Voltage (V)
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
2.5
3.0
3.5
4.0
4.5
5.0
IOUT = 0μA
C3 = 1μF
VEN_FL = VIN
Output Ripple Voltage vs. Time
(IOUT = 100mA @ VIN = 3.5V)
Time (500ns/div)
IIN
(10mA/div)
VOUT
(20mV/div)
VIN
(10mV/div)
Output Ripple Voltage vs. Time
(IOUT = 50mA @ VIN = 3.5V)
Time (500ns/div)
IIN
(10mA/div)
VOUT
(10mV/div)
VIN
(10mV/div)
AAT2805
Dual High Efficiency Charge Pump
for White LED and Flash Applications
6
2805.2006.04.1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com