Electronic Components Datasheet Search
  English  ▼

X  

AAT2805 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT2805
Description  Dual High Efficiency Charge Pump for White LED and Flash Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2805 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT2805 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AAT2805
Dual High Efficiency Charge Pump
for White LED and Flash Applications
2805.2006.04.1.7
1
ChargePump™
General Description
The AAT2805 is a dual charge pump designed to
support both the white LED backlight and flash appli-
cations for systems operating with lithium-ion/poly-
mer batteries. The backlight charge pump is capable
of driving up to four LEDs at a total of 120mA. The
current sinks may be operated individually or in par-
allel for driving higher current LEDs. To maximize
power efficiency, the charge pump operates in 1X,
1.5X, or 2X mode, where the mode of operation is
automatically selected by comparing the forward
voltage of each LED with the input voltage.
AnalogicTech's AS2Cwire™ (Advanced Simple Serial
Control™) serial digital input is used to enable, dis-
able, and set current for each LED with a 16-level
logarithmic scale plus four low-current settings down
to 50µA for optimized efficiency, with a typical oper-
ating quiescent current of less than 50µA.
The flash charge pump is a charge pump doubler
with a regulated output voltage. It is designed to
deliver 120mA of continuous current and up to
250mA of pulsed current. It has an independent
enable pin for improved power savings.
The AAT2805 has thermal protection and built-in
soft-start circuitry. A low-current shutdown feature
disconnects the load from VIN and reduces quiescent
current to less than 1µA.
The AAT2805 is available in a Pb-free, space-saving,
thermally-enhanced TDFN44-16 package and is
rated over the -40°C to +85°C temperature range.
Features
•VIN Range: 2.7V to 5.5V
•
Dual Charge Pump to Support Backlight and
Flash LEDs
•
Backlight Charge Pump:
— Regulated Current
— Four Current Sink Inputs
—AS2Cwire Brightness Control
— Tri-Mode Charge Pump
— Maximum 30mA of Current Per Input
— Low IQ (50µA) in Light Load Mode
•
Flash Charge Pump:
— Regulated Output Voltage
— Up to 250mA of Pulsed Current
•
Independent Backlight/Flash Control
•
Low Noise 1MHz Constant Frequency
Operation
•
Automatic Soft-Start
•
No Inductors
•
Available in TDFN44-16 Package
Applications
•
Color (RGB) Lighting
•
White LED Backlighting
•
White LED Photo Flash
Typical Application
AAT2805
CIN
1μF
VIN
COUT
1μF
EN/SET
C1
1μF
D3
D2
D1
VIN
C1+ C1- C2+ C2- C3+ C3-
D2
GND
Backlight
C2
1μF
C3
1μF
Flash
VOUT_FL
VOUT_BL
COUT
1μF
EN_FLSH
EN/SET
EN_FLSH
D1
D3
D4
VOUT_FLASH
D4


Similar Part No. - AAT2805

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2805 ANALOGICTECH-AAT2805 Datasheet
557Kb / 17P
Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT2805IXN-4.5-T1 ANALOGICTECH-AAT2805IXN-4.5-T1 Datasheet
557Kb / 17P
Dual High Efficiency Charge Pump for White LED and Flash Applications
More results

Similar Description - AAT2805

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
AAT2805 ANALOGICTECH-AAT2805 Datasheet
557Kb / 17P
Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT2806 ANALOGICTECH-AAT2806 Datasheet
478Kb / 16P
Dual High Efficiency Charge Pump for White LED AND Flash Applications
AAT3175 ANALOGICTECH-AAT3175 Datasheet
247Kb / 12P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
logo
Advanced Analog Technol...
AAT2806 AAT-AAT2806 Datasheet
582Kb / 16P
Dual High Efficiency Charge Pump for White LED and Flash Applications
2806.2006.04.1.8
logo
Advanced Analogic Techn...
AAT2806 ANALOGICTECH-AAT2806_07 Datasheet
513Kb / 16P
Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
Dual High Efficiency Charge Pump For White LED and Flash Applications
AATIAN64 SIGE-AATIAN64 Datasheet
85Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com