Electronic Components Datasheet Search
  English  ▼

X  

AAT2806 Datasheet(PDF) 7 Page - Advanced Analog Technology, Inc.

Part # AAT2806
Description  Dual High Efficiency Charge Pump for White LED and Flash Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2806 Datasheet(HTML) 7 Page - Advanced Analog Technology, Inc.

Back Button AAT2806 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 11Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Characteristics– White LED Backlight Driver Section
Current Matching vs. Temperature
Temperature (
°°C)
19.0
19.2
19.4
19.6
19.8
20.0
20.2
20.4
-40
-20
0
20
40
60
80
Channel 2
Channel 3
Channel 1
Channel 4
Efficiency vs. Supply Voltage
Supply Voltage (V)
50
60
70
80
90
100
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
10mA
VF = 3.1V
20mA
VF = 3.4V
Turn-Off from 1.5X Mode
(VIN = 3.5V; 20mA Load)
Time (500µs/div)
EN
(2V/div)
IIN
(100mA/div)
VF
(1V/div)
Turn-On to 2X Mode
(VIN = 2.8V; 20mA Load)
Time (100µs/div)
EN
(2V/div)
CP
(2V/div)
IIN
(200mA/div)
VSINK
(500mV/div)
Turn-On to 1.5X Mode
(VIN = 3.5V; 20mA Load)
Time (100µs/div)
EN
(2V/div)
CP
(2V/div)
IIN
(200mA/div)
VSINK
(500mV/div)
Turn-On to 1X Mode
(VIN = 4.2V; 20mA Load)
Time (100µs/div)
EN
(2V/div)
CP
(2V/div)
IIN
(200mA/div)
VSINK
(500mV/div)
AAT2806
Dual High Efficiency Charge Pump
for White LED and Flash Applications
2806.2006.04.1.8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com