Electronic Components Datasheet Search
  English  ▼

X  

AAT2806 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT2806
Description  Dual High Efficiency Charge Pump for White LED and Flash Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2806 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT2806 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Characteristics– White LED Backlight Driver Section
EN/SET Off Timeout vs. Input Voltage
Input Voltage (V)
0
50
100
150
200
250
300
350
400
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40°C
25°C
85°C
EN/SET Latch Timeout vs. Input Voltage
Input Voltage (V)
0
50
100
150
200
250
300
350
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40°C
25°C
85°C
Load Characteristics
(VIN = 2.9V; 2X Mode; 20mA Load)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 3.9V; 1.5X Mode; 20mA Load)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 2.7V; 2X Mode; 14mA Load)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 3.7V; 1.5X Mode; 14mA Load)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
AAT2806
Dual High Efficiency Charge Pump
for White LED and Flash Applications
8
2806.2006.04.1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com