Electronic Components Datasheet Search
  English  ▼

X  

AAT2806 Datasheet(PDF) 12 Page - Advanced Analog Technology, Inc.

Part # AAT2806
Description  Dual High Efficiency Charge Pump for White LED and Flash Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2806 Datasheet(HTML) 12 Page - Advanced Analog Technology, Inc.

Back Button AAT2806 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 16Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AAT2806
Dual High Efficiency Charge Pump
for White LED and Flash Applications
12
2806.2006.04.1.8
Disabled Current Sinks
The backlight charge pump is equipped with an
auto-disable feature to protect against an LED fail-
ure condition. Current sink inputs that are not used
should be disabled. To disable and properly termi-
nate unused current sink inputs, they must be tied
to VOUT. If left unconnected or terminated to
ground, the part will be forced to operate in 2X
charge pump mode.
Properly terminating unused current sink inputs is
important to prevent the charge pump modes from
activating prematurely. When properly terminated,
only a small sense current flows for each disabled
channel. The sense current for each disabled
channel is less than 10µA.
Applications Information
LED Selection
The AAT2806 is specifically intended for driving
white LEDs. However, the device design will allow
the AAT2806 to drive most types of LEDs with for-
ward voltage specifications ranging from 2.0V to
4.3V. LED applications may include main display
backlighting, camera photo-flash applications,
color (RGB) LEDs, infrared (IR) diodes for remotes,
and other loads benefiting from a controlled output
current generated from a varying input voltage.
Since the D1 to D4 input current sinks are matched
with negligible voltage dependence, the LED
brightness will be matched regardless of the spe-
cific LED forward voltage (VF) levels.
In some instances (e.g., in high-luminous-output
applications such as photo-flash), it may be neces-
sary to drive high-VF type LEDs. The low-dropout
current-sinks in the AAT2806 make it capable of
driving LEDs with forward voltages as high as 4.3V
at full current from an input supply as low as 3.0V.
Outputs can be paralleled to drive high-current
LEDs without complication.
Device Switching Noise Performance
The AAT2806 operates at a fixed frequency of
approximately 1MHz to control noise and limit har-
monics that can interfere with the RF operation of cel-
lular telephone handsets or other communication
devices. Back-injected noise appearing on the input
pin of the charge pump is 20mV peak-to-peak, typi-
cally ten times less than inductor-based DC/DC
boost converter white LED backlight solutions. The
AAT2806 soft-start feature prevents noise transient
effects associated with inrush currents during start-
up of the charge pump circuit.
Capacitor Selection
Careful selection of the six external capacitors CIN,
C1, C2, C3, and COUT (for backlight and flash) is
important because they will affect turn-on time, out-
put ripple, and transient performance. Optimum per-
formance will be obtained when low equivalent series
resistance (ESR) ceramic capacitors are used. In
general, low ESR may be defined as less than
100m
Ω. A value of 1µF for all six capacitors is a good
starting point when choosing capacitors.
S2Cwire Serial Interface Timing Diagram
1
EN/SET
2
n-1
n ≤ 16
Data Reg
0n
0
T
HI
T
LO
T
LAT
TOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com