Electronic Components Datasheet Search
  English  ▼

X  

AAT2806 Datasheet(PDF) 14 Page - Advanced Analog Technology, Inc.

Part # AAT2806
Description  Dual High Efficiency Charge Pump for White LED and Flash Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2806 Datasheet(HTML) 14 Page - Advanced Analog Technology, Inc.

Back Button AAT2806 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 16Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AAT2806
Dual High Efficiency Charge Pump
for White LED and Flash Applications
14
2806.2006.04.1.8
The expression to define the ideal efficiency (
η) can
be rewritten as:
-or-
Charge Pump Mode Efficiency: Fractional charge
pumps will boost the input supply voltage in the event
where VIN is less than the voltage required on the con-
stant current source outputs. The efficiency (
η) can be
simply defined as a linear voltage regulator with an
effective output voltage that is equal to one and a half
or two times the input voltage. Efficiency (
η) for an
ideal 1.5X charge pump can typically be expressed
as the output power divided by the input power:
In addition, with an ideal 1.5X charge pump, the out-
put current may be expressed as 2/3 of the input cur-
rent. The expression to define the ideal efficiency (
η)
can be rewritten as:
-or-
For a charge pump with an output of 5V and a nom-
inal input of 3.5V, the theoretical efficiency is 95%.
Due to internal switching losses and IC quiescent
current consumption, the actual efficiency can be
measured at 93%. These figures are in close agree-
ment for output load conditions from 1mA to 100mA.
Efficiency will decrease as load current drops below
0.05mA or when the level of VIN approaches VOUT.
Flash Charge Pump: The flash charge pump is a
regulated output voltage doubling charge pump. The
efficiency is defined as a linear voltage regulator with
an effective output voltage that is equal to two times
the input voltage. The expression to define the ideal
efficiency can be written as:
-or-
For a charge pump with an output of 5V and a nom-
inal input of 3V, the theoretical efficiency is 83.3%.
Due to internal switching losses and IC quiescent
current consumption, the actual efficiency can be
measured at approximately 82%. Efficiency will
decrease as the level of VIN approaches that of the
regulated VOUT. Refer to the device typical charac-
teristics curves for expected actual efficiency
based on either input voltage or load current.
η(%) = 100
VOUT
2.0VIN
⎛⎞
⎝⎠
η = POUT = VOUT × IOUT = VOUT
PIN
VIN × 2.0IOUT
2.0VIN
η(%) = 100
VOUT
1.5VIN
⎛⎞
⎝⎠
η = POUT = VOUT × IOUT = VOUT
PIN
VIN × 1.5IOUT
1.5VIN
η =
POUT
PIN
η(%) = 100
VOUT
VIN
⎛⎞
⎝⎠
η = POUT = VOUT × IOUT = VOUT
PIN
VIN × IOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com