Electronic Components Datasheet Search
  English  ▼

X  

AAT2806 Datasheet(PDF) 15 Page - Advanced Analog Technology, Inc.

Part # AAT2806
Description  Dual High Efficiency Charge Pump for White LED and Flash Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2806 Datasheet(HTML) 15 Page - Advanced Analog Technology, Inc.

Back Button AAT2806 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT2806 Datasheet HTML 16Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AAT2806
Dual High Efficiency Charge Pump
for White LED and Flash Applications
2806.2006.04.1.8
15
Ordering Information
Package Information
TDFN44-16
All dimensions in millimeters.
Index Area
(D/2 x E/2)
Detail "A"
Detail "B"
Top View
Bottom View
Detail "A"
Side View
Option A:
C0.30 (4x) max
Chamfered corner
Option B:
R0.30 (4x) max
Round corner
Detail "B"
0.16
Pin 1 Indicator
(optional)
0.1 REF
4.00 ± 0.05
2.60 ± 0.05
0.05 ± 0.05
7.5° ± 7.5°
0.375 ± 0.125
0.3 ± 0.10
0.075 ± 0.075
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Package
Marking1
Part Number (Tape and Reel)2
TDFN44-16
NPXYY
AAT2806IXN-4.5-T1
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com