Electronic Components Datasheet Search
  English  ▼

X  

BZV85 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZV85
Description  Voltage regulator diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZV85 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZV85 Datasheet HTML 1Page - NXP Semiconductors BZV85 Datasheet HTML 2Page - NXP Semiconductors BZV85 Datasheet HTML 3Page - NXP Semiconductors BZV85 Datasheet HTML 4Page - NXP Semiconductors BZV85 Datasheet HTML 5Page - NXP Semiconductors BZV85 Datasheet HTML 6Page - NXP Semiconductors BZV85 Datasheet HTML 7Page - NXP Semiconductors BZV85 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 May 11
5
Philips Semiconductors
Product specification
Voltage regulator diodes
BZV85 series
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed circuit-board with 1 cm2 copper area per lead.
GRAPHICAL DATA
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length 4 mm; see Fig.2
110
K/W
Rth j-a
thermal resistance from junction to ambient
lead length10 mm; note 1
175
K/W
Fig.2 Thermal resistance from junction to tie-point with a lead length of 4 mm.
handbook, full pagewidth
10−2
10−1
110
102
103
104
MBG929
1
10
102
103
tp (ms)
tp
tp
T
T
δ =
δ = 1
0.02
0.01
0
0.75
0.50
0.33
0.20
0.10
0.05
Rth j-tp
(K/W)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com