Electronic Components Datasheet Search
  English  ▼

X  

BZV85 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZV85
Description  Voltage regulator diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZV85 Datasheet(HTML) 3 Page - NXP Semiconductors

  BZV85 Datasheet HTML 1Page - NXP Semiconductors BZV85 Datasheet HTML 2Page - NXP Semiconductors BZV85 Datasheet HTML 3Page - NXP Semiconductors BZV85 Datasheet HTML 4Page - NXP Semiconductors BZV85 Datasheet HTML 5Page - NXP Semiconductors BZV85 Datasheet HTML 6Page - NXP Semiconductors BZV85 Datasheet HTML 7Page - NXP Semiconductors BZV85 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Per type
Tj =25 °C unless otherwise specified.
BZV85-
CXXX
WORKING
VOLTAGE
VZ (V)
at IZtest
DIFFERENTIAL
RESISTANCE
rdif (Ω)
at IZtest
TEMP. COEFF.
SZ (mV/K)
at IZtest
see Figs 5 and 6
TEST
CURRENT
IZtest (mA)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
REVERSE
CURRENT at
REVERSE
VOLTAGE
NON-REPETITIVE
PEAK REVERSE CURRENT
IZSM
IR (µA)
VR
(V)
at tp = 100 µs;
Tamb =25 °C
at tp = 10 ms;
Tamb =25 °C
MIN.
MAX.
MAX.
MIN.
MAX.
MAX.
MAX.
MAX. (A)
MAX. (mA)
3V6
3.4
3.8
15
−3.5
−1.0
60
450
50
1.0
8.0
2000
3V9
3.7
4.1
15
−3.5
−1.0
60
450
10
1.0
8.0
1950
4V3
4.0
4.6
13
−2.7
0
50
450
5
1.0
8.0
1850
4V7
4.4
5.0
13
−2.0
+0.7
45
300
3
1.0
8.0
1800
5V1
4.8
5.4
10
−0.5
+2.2
45
300
3
2.0
8.0
1750
5V6
5.2
6.0
7
0
2.7
45
300
2
2.0
8.0
1700
6V2
5.8
6.6
4
0.6
3.6
35
200
2
3.0
7.0
1620
6V8
6.4
7.2
3.5
1.3
4.3
35
200
2
4.0
7.0
1550
7V5
7.0
7.9
3
2.5
5.5
35
150
1
4.5
5.0
1500
8V2
7.7
8.7
5
3.1
6.1
25
150
0.7
5.0
5.0
1400
9V1
8.5
9.6
5
3.8
7.2
25
150
0.7
6.5
4.0
1340
10
9.4
10.6
8
4.7
8.5
25
90
0.2
7.0
4.0
1200
11
10.4
11.6
10
5.3
9.3
20
85
0.2
7.7
3.0
1100
12
11.4
12.7
10
6.3
10.8
20
85
0.2
8.4
3.0
1000
13
12.4
14.1
10
7.4
12.0
20
80
0.2
9.1
3.0
900
15
13.8
15.6
15
8.9
13.6
15
75
0.05
10.5
2.5
760
16
15.3
17.1
15
10.7
15.4
15
75
0.05
11.0
1.75
700
18
16.8
19.1
20
11.8
17.1
15
70
0.05
12.5
1.75
600
20
18.8
21.2
24
13.6
19.1
10
60
0.05
14.0
1.75
540
22
20.8
23.3
25
16.6
22.1
10
60
0.05
15.5
1.5
500
24
22.8
25.6
30
18.3
24.3
10
55
0.05
17
1.5
450
27
25.1
28.9
40
20.1
27.5
8
50
0.05
19
1.2
400
30
28.0
32.0
45
22.4
32.0
8
50
0.05
21
1.2
380



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com