Electronic Components Datasheet Search
  English  ▼

X  

BZV85 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BZV85
Description  Voltage regulator diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZV85 Datasheet(HTML) 6 Page - NXP Semiconductors

  BZV85 Datasheet HTML 1Page - NXP Semiconductors BZV85 Datasheet HTML 2Page - NXP Semiconductors BZV85 Datasheet HTML 3Page - NXP Semiconductors BZV85 Datasheet HTML 4Page - NXP Semiconductors BZV85 Datasheet HTML 5Page - NXP Semiconductors BZV85 Datasheet HTML 6Page - NXP Semiconductors BZV85 Datasheet HTML 7Page - NXP Semiconductors BZV85 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1999 May 11
6
Philips Semiconductors
Product specification
Voltage regulator diodes
BZV85 series
Fig.3
Non-repetitive peak reverse current as a
function of the nominal working voltage.
handbook, halfpage
MBG802
102
10
VZnom (V)
IZSM
(A)
10
1102
10−1
1
(1)
(2)
(1) tp =10 µs; half sinewave; Tamb =25 °C.
(2) tp = 10 ms; half sinewave; Tamb =25 °C.
Fig.4
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
0
1.0
300
0
100
200
MBG925
0.5
VF (V)
IF
(mA)
(1)
(2)
(1) Tj = 200 °C.
(2) Tj =25 °C.
Fig.5
Temperature coefficient as a function of
working current; typical values.
BZV85-C3V6 to C10.
Tj =25to150 °C.
For types above 7.5 V the temperature coefficient is independent
of current; see Table “Per type”.
handbook, halfpage
050
10
0
−5
5
MBG926
25
IZ (mA)
SZ
(mV/K)
4V7
4V3
3V6
3V9
10
9V1
8V2
7V5
6V8
6V2
5V6
5V1
Fig.6
Temperature coefficient as a function of
nominal working voltage.
handbook, halfpage
100
0
102
MBG800
10
VZnom (V)
SZ
(mV/K)
1
20
40
60
80
(2)
(1)
(3)
IZ= IZtest; Tj =25to150 °C.
(1) Maximum values.
(2) Typical values.
(3) Minimum values.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com