Electronic Components Datasheet Search
  English  ▼

X  

BZV85 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZV85
Description  Voltage regulator diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZV85 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZV85 Datasheet HTML 1Page - NXP Semiconductors BZV85 Datasheet HTML 2Page - NXP Semiconductors BZV85 Datasheet HTML 3Page - NXP Semiconductors BZV85 Datasheet HTML 4Page - NXP Semiconductors BZV85 Datasheet HTML 5Page - NXP Semiconductors BZV85 Datasheet HTML 6Page - NXP Semiconductors BZV85 Datasheet HTML 7Page - NXP Semiconductors BZV85 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
33
31.0
35.0
45
24.8
35.0
8
45
0.05
23
1.0
350
36
34.0
38.0
50
27.2
39.9
8
45
0.05
25
0.9
320
39
37.0
41.0
60
29.6
43.0
6
45
0.05
27
0.8
296
43
40.0
46.0
75
34.0
48.3
6
40
0.05
30
0.7
270
47
44.0
50.0
100
37.4
52.5
4
40
0.05
33
0.6
246
51
48.0
54.0
125
40.8
56.5
4
40
0.05
36
0.5
226
56
52.0
60.0
150
46.8
63.0
4
40
0.05
39
0.4
208
62
58.0
66.0
175
52.2
72.5
4
35
0.05
43
0.4
186
68
64.0
72.0
200
60.5
81.0
4
35
0.05
48
0.35
171
75
70.0
80.0
225
66.5
88.0
4
35
0.05
53
0.3
161
BZV85-
CXXX
WORKING
VOLTAGE
VZ (V)
at IZtest
DIFFERENTIAL
RESISTANCE
rdif (Ω)
at IZtest
TEMP. COEFF.
SZ (mV/K)
at IZtest
see Figs 5 and 6
TEST
CURRENT
IZtest (mA)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
REVERSE
CURRENT at
REVERSE
VOLTAGE
NON-REPETITIVE
PEAK REVERSE CURRENT
IZSM
IR (µA)
VR
(V)
at tp = 100 µs;
Tamb =25 °C
at tp = 10 ms;
Tamb =25 °C
MIN.
MAX.
MAX.
MIN.
MAX.
MAX.
MAX.
MAX. (A)
MAX. (mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com