Electronic Components Datasheet Search
  English  ▼

X  

RF7161TR13 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF7161TR13
Description  QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7161TR13 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF7161TR13 Datasheet HTML 9Page - RF Micro Devices RF7161TR13 Datasheet HTML 10Page - RF Micro Devices RF7161TR13 Datasheet HTML 11Page - RF Micro Devices RF7161TR13 Datasheet HTML 12Page - RF Micro Devices RF7161TR13 Datasheet HTML 13Page - RF Micro Devices RF7161TR13 Datasheet HTML 14Page - RF Micro Devices RF7161TR13 Datasheet HTML 15Page - RF Micro Devices RF7161TR13 Datasheet HTML 16Page - RF Micro Devices RF7161TR13 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13 of 20
RF7161
DS091006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Power On Sequence
RF7161 Timing Diagram
Power Flattening and VBATT Tracking
The RF7161 has an integrated power flattening circuit that reduces the amount of current variation when a mismatch is pre-
sented to the output of the PA. When a mismatch is presented to the output of the PA its output impedance is varied and could
present a load that will increase outp ut power. As the output power increases so does the current consumption. The current
consumption can become very high if not monitored and limited. The power flattening circuit is integrated onto the CMOS con-
troller and requires no input from user.
Into a mismatch, the current varies as the phase c hanges. The power flattening circuit monitors current through an int ernal
sense resistor. As the current changes the loop is adjusted in order to maintain current. The result is flatter power and reduced
current into mismatch.
The RF7161 also incorporates a VBATT tracking feature that eliminates the need for the transceiver/baseband to regulate the
ramping signal as the supply voltage decreases. The internal circuit monitors the supply voltage and adjusts the ramping signal
such that the switching spectrum is minimally impacted.
Time
VBATT
GP0
GP1/GP2
TX_EN
VRAMP
GMSK Power On/Off Sequence
3.0 or 3.1V to 4.8V
>1.25V High Band
<0.5V Low Band
GP2<0.5V
>1.25V PA ON
1.8V for max Pout
0.25V for min Pout
Power On Sequence:
1. Apply VBATT
2. Apply GP0/GP1/GP2
3. Apply RFIN
4. Apply TX_EN
5. Apply minimum VRAMP (0.25V)
6. Ramp VRAMP for desired
output power
RFIN can be applied at any time.
For good transient response it
must be applied before power
ramp begins.
The Power Down Sequence is the
reverse order of the Power On
Sequence.
=2µs
=0µs
=0µs
=2µs
GP1>1.25V
RFIN
3 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com