Electronic Components Datasheet Search
  English  ▼

X  

RF7161TR13 Datasheet(PDF) 20 Page - RF Micro Devices

Part # RF7161TR13
Description  QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7161TR13 Datasheet(HTML) 20 Page - RF Micro Devices

Back Button RF7161TR13 Datasheet HTML 12Page - RF Micro Devices RF7161TR13 Datasheet HTML 13Page - RF Micro Devices RF7161TR13 Datasheet HTML 14Page - RF Micro Devices RF7161TR13 Datasheet HTML 15Page - RF Micro Devices RF7161TR13 Datasheet HTML 16Page - RF Micro Devices RF7161TR13 Datasheet HTML 17Page - RF Micro Devices RF7161TR13 Datasheet HTML 18Page - RF Micro Devices RF7161TR13 Datasheet HTML 19Page - RF Micro Devices RF7161TR13 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20 of 20
RF7161
DS091006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RoHS Compliant:
Yes
Package total weight in grams (g):
0.121
Compliance Date Code:
-
Bill of Materials Revision:
-
Pb Free Category:
e4
Pb
Cd
Hg
Cr VI
PBB
PBDE
Die
0000
00
Molding Compoun d
0000
00
Lead Frame
0000
00
Die Attach Epoxy
0000
00
Wire
0000
00
Solder Plating
0000
00
* DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment
RoHS* Banned Material Content
Bill of Materials
Parts Per Million (PPM)
This RoHS banned material content declaration was prepared solely on information, including analytical data, provided to RFMD by its
suppliers, and applies to the Bill of Materials (BOM) revision noted above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com