Electronic Components Datasheet Search
  English  ▼

X  

RF7161TR13 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF7161TR13
Description  QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7161TR13 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF7161TR13 Datasheet HTML 3Page - RF Micro Devices RF7161TR13 Datasheet HTML 4Page - RF Micro Devices RF7161TR13 Datasheet HTML 5Page - RF Micro Devices RF7161TR13 Datasheet HTML 6Page - RF Micro Devices RF7161TR13 Datasheet HTML 7Page - RF Micro Devices RF7161TR13 Datasheet HTML 8Page - RF Micro Devices RF7161TR13 Datasheet HTML 9Page - RF Micro Devices RF7161TR13 Datasheet HTML 10Page - RF Micro Devices RF7161TR13 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7 of 20
RF7161
DS091006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RX Section
Nominal conditions unless otherwise stated.
VBATT=3.5V, PIN=-10dBm, Temp=+25°C, TX
Enable=Low, VRAMP=0.2V,
RX1 Mode: GpCtrl2=High, GpCtrl1=Low,
GpCtrl0=Low
RX2 Mode: GpCtrl2=Low, GpCtrl1=High,
GpCtrll0=Low
RX3 Mode: GpCtrl2=Low, GpCtrl1=High,
GpCtrl0=H igh
RX4 Mode: GpCtrl2=Low, GpCtrl1=Low,
GpCtrl0=H igh
RX Frequencies:
GSM850=869MHz to 894MHz
EGSM900=9 25MHz to 960MHz
DCS1800=1 805MHz to 1880MHz
PCS1900=1 930MHz to 1990MHz
Insertion Loss
GSM850/EGSM900
ANT-RX1/2/3/4
1.0
1.3
dB
See Note 1.
In-Band Ripple
GSM850/EGSM900
ANT-RX1/2/3/4
0.03
0.05
dB
Input VSWR
GSM850/EGSM900
ANT-RX1/2/3/4
1.3:1
Insertion Loss
DCS1800/PCS1900
ANT-RX1/2/3/4
1.4
1.7
dB
See Note 1.
In-Band Ripple
DCS1800/PCS1900
ANT-RX1/2/3/4
0.05
0.1
dB
Input VSWR
DCS1800/PCS1900
ANT-RX1/2/3/4
1.9:1
TX Section
Switch Leakage POUT at RX Port
GSM850, ANT-RX1/2/3/4
-10
6
dBm
GSM850 TX Mode: Freq=869MHz to 894MHz,
GpCtrl2=L ow, GpCtrl1=H igh. GpCtrl0=L ow,
VRAMP=VRAMP RATED for POUT=33dBm at
antenna port. See Note 2.
Switch Leakage POUT at RX Port
EGSM900, ANT-RX1/2/3/4
-10
6
dBm
EGSM900 TX Mode: Freq=925MHz to
960MHz, GpCtrl2=Low, GpCtrl1=High.
GpCtrl0=L ow, VRAMP=VRAMP RATED for
POUT=33dBm at antenna port. See Note 2.
Switch Leakage POUT at RX Port
DCS1800, ANT-RX1/2/3
-15
-5
dBm
GSM850 TX Mode: Freq=1805MHz to
1880MHz, GpCtrl2=Low, GpCtrl1=High.
GpCtrl0=H igh, VRAMP=VRAMP RATED for
POUT=30dBm at antenna port. See Note 2.
Switch Leakage POUT at RX Port
PCS1900, ANT-RX1/2/3
-15
-5
dBm
GSM TX Mode: Freq=1930MHz to 1990MHz,
GpCtrl2=L ow, GpCtrl1=H igh. GpCtrl0=H igh,
VRAMP=VRAMP RATED for POUT=30dBm at
antenna port. See Note 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com