Electronic Components Datasheet Search
  English  ▼

X  

RF7161TR13 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF7161TR13
Description  QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7161TR13 Datasheet(HTML) 4 Page - RF Micro Devices

  RF7161TR13 Datasheet HTML 1Page - RF Micro Devices RF7161TR13 Datasheet HTML 2Page - RF Micro Devices RF7161TR13 Datasheet HTML 3Page - RF Micro Devices RF7161TR13 Datasheet HTML 4Page - RF Micro Devices RF7161TR13 Datasheet HTML 5Page - RF Micro Devices RF7161TR13 Datasheet HTML 6Page - RF Micro Devices RF7161TR13 Datasheet HTML 7Page - RF Micro Devices RF7161TR13 Datasheet HTML 8Page - RF Micro Devices RF7161TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4 of 20
RF7161
DS091006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
EGSM900 Band
Nominal conditions unless otherwise stated.
All unused ports are terminated. VBATT=3.5V,
PIN=3dBm, Temp=+25°C, TX Enable=High,
VRAMP=1.8V. TX Mode: GpCtrl2=Low,
GpCtrl1=High, GpCtrl0=Low, Duty Cycle=25%,
Pulse Width=1154
S
Operating Frequency Range
880
915
MHz
Input Power
036
dBm
Full POUT guaranteed at minimum drive level.
Input VSWR
2:1
2.5:1
Over POUT range (5dBm to 33dBm).
Maximum Output Power
33
33.7
dBm
Nominal conditions.
31
33.7
dBm
VBATT=3.1V to 4.8V, PIN=0dBm to 6dBm,
Temp=-20°C to +85°C, Duty Cycle=50%,
Pulse Width=2308mS, VRAMP<1.8V.
Minimum Power Into 3:1 VSWR
30
31.5
dBm
The measured delivered output power to the
load with the mismatch loss already taken into
account with 1dB variation margin.
Efficiency
36
40
%
Set VRAMP=VRAMP RATED for POUT=33dBm
2nd Harmonic
-40*
-33
dBm
VRAMP=VRAMP RATED for POUT=33dBm. *Typical
value measured from worst case harmonic fre-
quency across the band.
3rd Harmonic
-40*
-33
dBm
VRAMP=VRAMP RATED for POUT=33dBm. *Typical
value measured from worst case harmonic fre-
quency across the band.
All other harmonics up to
12.75GHz
-40
-33
dBm
VRAMP=VRAMP RATED for POUT=33dBm.
Non-harmonic Spurious up to
12.75GHz
-36
dBm
VRAMP=VRAMP RATED for POUT=33dBm, also
over all power levels (5dBm to 33dBm).
Forward Isolation 1
-60
-41
dBm
TX Enable Low, PIN=6d Bm, VRAMP=0.25V.
Forward Isolation 2
-27
-15
dBm
TX Enable High, PIN=6d Bm, VRAMP=0.25V.
Output Noise Power
-86
-77
dBm
925MHz to 935MHz. VRAMP=VRAMP RATED for
POUT=33dBm, RBW=1 00kHz.
-86
-83
dBm
935MHz to 960MHz. VRAMP=VRAMP RATED for
POUT=33dBm, RBW=1 00kHz.
-118
-87
dBm
1805MHz to 1880MHz. VRAMP=VRAMP RATED
for POUT=33dBm, RBW=1 00kHz.
Output Load VSWR Stability
(Spurious Emissions)
-36
dBm
VSWR=12:1, all phase angles (Set
VRAMP=VRAMP RATED for POUT<33dBm into 50
load; load switched to VSWR=12:1).
Output Load VSWR Ruggedness
No damage or permanent degradation to
device
VSWR=20:1, all phase angles (Set
VRAMP=VRAMP RATED for POUT<33dBm into 50
load; load switched to VSWR=20:1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com