Electronic Components Datasheet Search
  English  ▼

X  

RF7161TR13 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF7161TR13
Description  QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7161TR13 Datasheet(HTML) 5 Page - RF Micro Devices

  RF7161TR13 Datasheet HTML 1Page - RF Micro Devices RF7161TR13 Datasheet HTML 2Page - RF Micro Devices RF7161TR13 Datasheet HTML 3Page - RF Micro Devices RF7161TR13 Datasheet HTML 4Page - RF Micro Devices RF7161TR13 Datasheet HTML 5Page - RF Micro Devices RF7161TR13 Datasheet HTML 6Page - RF Micro Devices RF7161TR13 Datasheet HTML 7Page - RF Micro Devices RF7161TR13 Datasheet HTML 8Page - RF Micro Devices RF7161TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5 of 20
RF7161
DS091006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
DCS1800 Band
Nominal conditions unless otherwise stated.
All unused ports are terminated. VBATT=3.5V,
PIN=3dBm, Temp=+25°C, TX Enable=High,
VRAMP=1.8V. TX Mode: GpCtrl2=Low,
GpCtrl1=High, GpCtrl0=High, Duty
Cycle=25%, Pulse Width=1154
S
Operating Frequency Range
1710
1785
MHz
Input Power
036
dBm
Full POUT guaranteed at minimum drive level.
Input VSWR
1.5:1
2.5:1
Over POUT range (0dBm to 30dBm).
Maximum Output Power
30
31.5
dBm
Nominal conditions.
28
31.5
dBm
VBATT=3.0V to 4.8V, PIN=0dBm to 6dBm,
Temp=-20°C to +85°C, Duty Cycle=50%,
Pulse Width=2308mS, VRAMP<1.8V.
Minimum Power Into 3:1 VSWR
27
28.5
dBm
The measured delivered output power to the
load with the mismatch loss already taken into
account with 1dB variation margin.
Efficiency
32
37
%
Set VRAMP=VRAMP RATED for POUT=30dBm
2nd Harmonic
-40*
-33
dBm
VRAMP=VRAMP RATED for POUT=30dBm. *Typical
value measured from worst case harmonic fre-
quency across the band.
3rd Harmonic
-40*
-33
dBm
VRAMP=VRAMP RATED for POUT=30dBm. *Typical
value measured from worst case harmonic fre-
quency across the band.
4th Harmonic
-36*
-28
dBm
VRAMP=VRAMP RATED. *Typical value measured
from worst case harmonic frequency across
the band. External low pass filter can be used
to attenuate the higher order harmonics. (See
Application Schematic for suggested filter.)
All other harmonics up to
12.75GHz
-40
-33
dBm
VRAMP=VRAMP RATED for POUT=30dBm.
Non-harmonic Spurious up to
12.75GHz
-36
dBm
VRAMP=VRAMP RATED for POUT=30dBm, also
over all power levels (5dBm to 33dBm).
Forward Isolation 1
-62
-53
dBm
TX Enable Low, PIN=6d Bm, VRAMP=0.25V.
Forward Isolation 2
-27
-15
dBm
TX Enable High, PIN=6d Bm, VRAMP=0.25V.
Output Noise Power
-101
-77
dBm
925MHz to 935MHz. VRAMP=VRAMP RATED for
POUT=33dBm, RBW=1 00kHz.
-100
-83
dBm
935MHz to 960MHz. VRAMP=VRAMP RATED for
POUT=33dBm, RBW=1 00kHz.
-93
-79
dBm
1805MHz to 1880MHz. VRAMP=VRAMP RATED
for POUT=33dBm, RBW=1 00kHz.
Output Load VSWR Stability
(Spurious Emissions)
-36
dBm
VSWR=12:1, all phase angles (Set
VRAMP=VRAMP RATED for POUT<30dBm into 50
load; load switched to VSWR=12:1).
Output Load VSWR Ruggedness
No damage or permanent degradation to
device
VSWR=20:1, all phase angles (Set
VRAMP=VRAMP RATED for POUT<30dBm into 50
load; load switched to VSWR=20:1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com