Electronic Components Datasheet Search
  English  ▼

X  

TLV365DBVR Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV365DBVR
Description  TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV365DBVR Datasheet(HTML) 3 Page - Texas Instruments

  TLV365DBVR Datasheet HTML 1Page - Texas Instruments TLV365DBVR Datasheet HTML 2Page - Texas Instruments TLV365DBVR Datasheet HTML 3Page - Texas Instruments TLV365DBVR Datasheet HTML 4Page - Texas Instruments TLV365DBVR Datasheet HTML 5Page - Texas Instruments TLV365DBVR Datasheet HTML 6Page - Texas Instruments TLV365DBVR Datasheet HTML 7Page - Texas Instruments TLV365DBVR Datasheet HTML 8Page - Texas Instruments TLV365DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
5 Device Comparison Table
DEVICE
INPUT TYPE
OFFSET
DRIFT
TYPICAL
(µV/C)
MINIMUM
GAIN STABLE
(V/V)
IQ/CHANNEL
TYPICAL
(mA)
GAIN
BANDWIDTH
(MHz)
SLEW RATE
(V/µs)
VOLTAGE
NOISE
(nV/√Hz)
TLVx365
CMOS
0.4
1
4.6
50
27
4.5
OPAx607
CMOS
0.3
6
0.9
50
24
3.8
OPAx365
CMOS
1
1
4.6
50
25
4.5
6 Pin Configuration and Functions
1
2
3
5
4
V+
−IN
V
OUT
V−
+IN
Figure 6-1. TLV365 DBV Package, 5-Pin SOT-23 (Top View)
Table 6-1. Pin Functions: TLV365
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN
4
Input
Negative (inverting) input
+IN
3
Input
Positive (noninverting) input
V–
2
—
Negative (lowest) power supply
V+
5
—
Positive (highest) power supply
VOUT
1
Output
Output
1
2
3
4
8
7
6
5
V+
V
OUT
B
−IN B
+IN B
V
OUT
A
−IN A
+IN A
V−
Figure 6-2. TLV2365 D Package, 8-Pin SOIC (Top View)
Pin Functions: TLV2365
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN A
2
Input
Negative (inverting) input signal, channel A
+IN A
3
Input
Positive (noninverting) input signal, channel A
–IN B
6
Input
Negative (inverting) input signal, channel B
+IN B
5
Input
Positive (noninverting) input signal, channel B
V–
4
—
Negative (lowest) power supply
V+
8
—
Positive (highest) power supply
VOUTA
1
Output
Output, channel A
VOUTB
7
Output
Output, channel B
www.ti.com
TLV365, TLV2365
SBOSAA8B – DECEMBER 2022 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV365 TLV2365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com