Electronic Components Datasheet Search
  English  ▼

X  

TLV365DBVR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV365DBVR
Description  TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV365DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TLV365DBVR Datasheet HTML 1Page - Texas Instruments TLV365DBVR Datasheet HTML 2Page - Texas Instruments TLV365DBVR Datasheet HTML 3Page - Texas Instruments TLV365DBVR Datasheet HTML 4Page - Texas Instruments TLV365DBVR Datasheet HTML 5Page - Texas Instruments TLV365DBVR Datasheet HTML 6Page - Texas Instruments TLV365DBVR Datasheet HTML 7Page - Texas Instruments TLV365DBVR Datasheet HTML 8Page - Texas Instruments TLV365DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
1 Features
• Gain bandwidth: 50 MHz
• Zerø-crossover distortion topology:
– CMRR: 115 dB (typical)
– Rail-to-rail input and output
• Input 100 mV beyond supply rail
• Noise: 4.5 nV/√Hz
• Slew rate: 27 V/µs
• Fast settling: 0.2 μs to 0.01%
• Precision:
– Offset drift: 2 μV/°C (maximum)
– Input bias current: 20 pA (maximum)
• Operating voltage: 2.2-V to 5.5-V
2 Applications
• Signal conditioning
• Data acquisition
• Active filters
• Test equipment
• Audio
• Wideband amplifiers
• Rack server
3 Description
The TLV365 and TLV2365 devices (TLVx365) are
a family of zerø-crossover, rail-to-rail input and
output, CMOS operational amplifiers, optimized for
low voltage and cost-sensitive applications. Low-noise
(4.5 nV/√Hz) and high-speed operation (50-MHz gain
bandwidth) make these devices an excellent choice
for driving sampling analog-to-digital converters
(ADCs) in applications such as low-side current
sensing, audio, signal conditioning, and sensor
amplification.
Special features include an excellent common-mode
rejection ratio (CMRR), no input stage crossover
distortion, high input impedance, and rail-to-rail input
and output swing. The input common-mode range
includes both the negative and positive supplies. The
output voltage swings to within 10 mV of the rails.
The TLVx365 are specified for operation from −40°C
to +125°C.
Device Information
PART NUMBER
CHANNEL COUNT
PACKAGE(1)
TLV365
Single
DBV (SOT-23, 5)
TLV2365
Dual
D (SOIC, 8)
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
V
IN
V
OUT
C
2
2.2 pF
R
2
2 kΩ
SD1
BAT17
C
1
10 nF
R
1
7.5 Ω
V−
V+
U1
U2
V−
V+
TLV365
TLV365
Fast-Settling Peak Detector
+
–
V
S+
R
G
R
G
R
F
R
F
V
REF
R
SH
I
SH
V
TH
Short-Circuit
Detection
LOAD
R
EXT
C
EXT
+
–
TLV3201
ADS7042
V
S+
TLV365
TLVx365 for Current Sensing
TLV365, TLV2365
SBOSAA8B – DECEMBER 2022 – REVISED SEPTEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV365DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV365DBVR TI-TLV365DBVR Datasheet
1Mb / 26P
TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier
DECEMBER 2022
TLV365DBVR TI1-TLV365DBVR Datasheet
2Mb / 34P
TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
REVISED JUNE 2023
TLV365DBVR TI-TLV365DBVR Datasheet
2Mb / 35P
TLVx365 50MHz, Zero-Crossover, High-CMRR, RRIO Operational Amplifiers
AUGUST 2024
More results

Similar Description - TLV365DBVR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
1.8V, RRIO Operational Amplifiers
logo
Analog Devices
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
REV. E
logo
Texas Instruments
LMH6618 TI1-LMH6618 Datasheet
2Mb / 38P
130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
Analog Devices
OP196 AD-OP196_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
logo
Texas Instruments
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
TLV365 TI-TLV365 Datasheet
1Mb / 26P
TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier
DECEMBER 2022
TLV365 TI1-TLV365_V01 Datasheet
2Mb / 34P
TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com